データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP21NM60N データシート(PDF) 1 Page - STMicroelectronics

部品番号 STP21NM60N
部品情報  N-CHANNEL 600V - 0.19 Ohm - 17 A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP21NM60N データシート(HTML) 1 Page - STMicroelectronics

  STP21NM60N Datasheet HTML 1Page - STMicroelectronics STP21NM60N Datasheet HTML 2Page - STMicroelectronics STP21NM60N Datasheet HTML 3Page - STMicroelectronics STP21NM60N Datasheet HTML 4Page - STMicroelectronics STP21NM60N Datasheet HTML 5Page - STMicroelectronics STP21NM60N Datasheet HTML 6Page - STMicroelectronics STP21NM60N Datasheet HTML 7Page - STMicroelectronics STP21NM60N Datasheet HTML 8Page - STMicroelectronics STP21NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
October 2005
STP21NM60N-STF21NM60N-STW21NM60N
STB21NM60N - STB21NM60N-1
N-CHANNEL 600V - 0.19
Ω - 17 A TO-220/FP/D²/I²PAK/TO-247
SECOND GENERATION MDmesh™ MOSFET
Table 1: General Features
100% AVALANCHE TESTED
LOW INPUT CAPACITANCE AND GATE
CHARGE
LOW GATE INPUT RESISTANCE
DESCRIPTION
The STx21NM60N is realized with the second
generation of MDmesh Technology. This revolu-
tionary MOSFET associates a new vertical struc-
ture to the Company's strip layout to yield one of
the world's lowest on-resistance and gate charge.
It is therefore suitable for the most demanding high
efficiency converters
APPLICATIONS
The MDmesh™ II family is very suitable for in-
creasing power density of high voltage converters
allowing system miniaturization and higher effi-
ciencies.
Table 2: Order Codes
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VDSS
RDS(on)
ID
STB21NM60N
STB21NM60N-1
STF21NM60N
STP21NM60N
STW21NM60N
660 V
660 V
660 V
660 V
660 V
< 0.24
< 0.24
< 0.24
< 0.24
< 0.24
17 A
17 A
17 A (*)
17 A
17 A
1
2
3
TO-220
D²PAK
1
2
3
TO-220FP
1
3
1
2
3
I²PAK
1
2
3
TO-247
SALES TYPE
MARKING
PACKAGE
PACKAGING
STB21NM60N
B21NM60N
D2PAK
TAPE & REEL
STB21NM60N-1
B21NM60N
I2PAK
TUBE
STF21NM60N
F21NM60N
TO-220FP
TUBE
STP21NM60N
P21NM60N
TO-220
TUBE
STW21NM60N
W21NM60N
TO-247
TUBE
Rev.3


同様の部品番号 - STP21NM60N

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STP21NM60N STMICROELECTRONICS-STP21NM60N Datasheet
562Kb / 18P
   N-channel 600 V - 0.17 廓 - 17 A TO-220 - TO-220FP - D2PAK - I2PAK - TO-247 second generation MDmesh??Power MOSFET
STP21NM60ND STMICROELECTRONICS-STP21NM60ND Datasheet
545Kb / 18P
   N-channel 600 V, 0.17 廓, 17 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STP21NM60ND STMICROELECTRONICS-STP21NM60ND Datasheet
559Kb / 18P
   N-channel 600 V, 0.17 廓, 17 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STP21NM60ND STMICROELECTRONICS-STP21NM60ND Datasheet
559Kb / 18P
   Low input capacitance and gate charge
logo
Inchange Semiconductor ...
STP21NM60ND ISC-STP21NM60ND Datasheet
291Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

同様の説明 - STP21NM60N

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STB12NM60N STMICROELECTRONICS-STB12NM60N Datasheet
591Kb / 18P
   N-channel 600V - 0.35廓 - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh??Power MOSFET
STB21NM50N STMICROELECTRONICS-STB21NM50N Datasheet
633Kb / 16P
   N-CHANNEL 500V - 0.15ohm - 18A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
STB15NM60N STMICROELECTRONICS-STB15NM60N Datasheet
607Kb / 18P
   N-channel 600V - 0.270廓 - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh??Power MOSFET
STF15NM65N STMICROELECTRONICS-STF15NM65N Datasheet
499Kb / 18P
   N-channel 650V - 0.25廓 - 15.5A - TO-220/FP - D2/I2PAK - TO-247 Second generation MDmesh??Power MOSFET
STP22NM60 STMICROELECTRONICS-STP22NM60 Datasheet
386Kb / 11P
   N-CHANNEL 600V - 0.19 ohm - 22A TO-220/FP/D2PAK/I2PAK/TO-247 MDmesh?줡ower MOSFET
STP21NM50N STMICROELECTRONICS-STP21NM50N_07 Datasheet
463Kb / 18P
   N-channel 500V - 0.15廓 - 18A TO-220/FP/D2/I2PAK/TO-247 Second generation MDmesh??Power MOSFET
STF19NM65N STMICROELECTRONICS-STF19NM65N Datasheet
532Kb / 19P
   N-channel 650 V - 0.25 廓 - 15.5 A - TO-220/FP-D2/I2PAK-TO-247 second generation MDmesh??Power MOSFET
STB20NM60-1 STMICROELECTRONICS-STB20NM60-1 Datasheet
440Kb / 18P
   N-channel 600V - 0.25廓 - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
STP25NM60N STMICROELECTRONICS-STP25NM60N Datasheet
273Kb / 12P
   N-CHANNEL 600V 0.140-20A TO-220/FP/DAK/TO-247 SECOND GENERATION MDmesh MOSFET
STB23NM60N STMICROELECTRONICS-STB23NM60N Datasheet
554Kb / 19P
   N-channel 600 V - 0.150 廓 - 19 A - D2PAK - I2PAK - TO-220/FP TO-247, second generation MDmesh??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com