データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD-91394E データシート(PDF) 4 Page - International Rectifier

部品番号 PD-91394E
部品情報  RADIATION HARDENED POWER MOSFET THRU - HOLE ( TO - 254AA )
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

PD-91394E データシート(HTML) 4 Page - International Rectifier

  PD-91394E Datasheet HTML 1Page - International Rectifier PD-91394E Datasheet HTML 2Page - International Rectifier PD-91394E Datasheet HTML 3Page - International Rectifier PD-91394E Datasheet HTML 4Page - International Rectifier PD-91394E Datasheet HTML 5Page - International Rectifier PD-91394E Datasheet HTML 6Page - International Rectifier PD-91394E Datasheet HTML 7Page - International Rectifier PD-91394E Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRHM7460SE
IRHM7460SE
IRHM7460SE
IRHM7460SE
IRHM7460SE
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
4
www.irf.com
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.01
0.1
1
10
100
0.1
1
10
100
20us PULSE WIDTH
T = 25 C
J
o
TOP
BOTTOM
VGS
15V
12V
10V
9.0V
8.0V
7.0V
6.0V
5.0V
V
, Drain-to-Source Voltage (V)
DS
5.0V
0.1
1
10
100
0.1
1
10
100
20us PULSE WIDTH
T = 150 C
J
o
TOP
BOTTOM
VGS
15V
12V
10V
9.0V
8.0V
7.0V
6.0V
5.0V
V
, Drain-to-Source Voltage (V)
DS
5.0V
V
= 50V
20µs PULSE WIDTH
DS
0.1
1
10
100
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
o
T = 150 C
J
o
-60 -40 -20
0
20 40 60 80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
T , Junction Temperature( C)
J
°
V
=
I =
GS
D
12V
18A


同様の部品番号 - PD-91394E

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
PD-9000G MICROSEMI-PD-9000G Datasheet
928Kb / 2P
   IEEE802.3at Compliant 36W/Port Midspan Family
logo
Microchip Technology
PD-9000G MICROCHIP-PD-9000G Datasheet
462Kb / 2P
   IEEE짰 802.3at Compliant 36W/Port Midspan Family
5/21
PD-9001-10GC MICROCHIP-PD-9001-10GC Datasheet
459Kb / 2P
   Single-Port, 10 Gbps, IEEE 802.3at 30W, Indoor PoE Midspan
5/21
PD-9001-10GC/AC-AU MICROCHIP-PD-9001-10GC/AC-AU Datasheet
459Kb / 2P
   Single-Port, 10 Gbps, IEEE 802.3at 30W, Indoor PoE Midspan
5/21
PD-9001-10GC/AC-EU MICROCHIP-PD-9001-10GC/AC-EU Datasheet
459Kb / 2P
   Single-Port, 10 Gbps, IEEE 802.3at 30W, Indoor PoE Midspan
5/21
More results

同様の説明 - PD-91394E

メーカー部品番号データシート部品情報
logo
International Rectifier
IRHM7250 IRF-IRHM7250 Datasheet
271Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM7054 IRF-IRHM7054 Datasheet
166Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM7Z60 IRF-IRHM7Z60 Datasheet
131Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM7450 IRF-IRHM7450_06 Datasheet
303Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM93130 IRF-IRHM93130 Datasheet
139Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM9150 IRF-IRHM9150 Datasheet
136Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM9260 IRF-IRHM9260 Datasheet
123Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM57Z60 IRF-IRHM57Z60 Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
JANSR2N7423 IRF-JANSR2N7423 Datasheet
133Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (T0-254AA)
IRHM7260 IRF-IRHM7260 Datasheet
265Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE(T0-254AA)
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com