データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54AC244WG-QML データシート(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 54AC244WG-QML
部品情報  Octal Buffers/Line Drivers With 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC244WG-QML データシート(HTML) 2 Page - National Semiconductor (TI)

  54AC244WG-QML Datasheet HTML 1Page - National Semiconductor (TI) 54AC244WG-QML Datasheet HTML 2Page - National Semiconductor (TI) 54AC244WG-QML Datasheet HTML 3Page - National Semiconductor (TI) 54AC244WG-QML Datasheet HTML 4Page - National Semiconductor (TI) 54AC244WG-QML Datasheet HTML 5Page - National Semiconductor (TI) 54AC244WG-QML Datasheet HTML 6Page - National Semiconductor (TI) 54AC244WG-QML Datasheet HTML 7Page - National Semiconductor (TI) 54AC244WG-QML Datasheet HTML 8Page - National Semiconductor (TI) 54AC244WG-QML Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MICROCIRCUIT DATA SHEET
MN54AC244-X REV 1B1
Features
-
Icc and Ioz reduced by 50%
-
TRI-STATE outputs drive bus lines or buffer memory address registers
-
Ouptus source/sink 24 mA
Standard Military Drawing (SMD)
54AC244DMQB
5962-8755201RA
54AC244FMQB
5962-8755201SA
54AC244LMQB
5962-87552012A
54AC244WG-QML
5962-8755201ZA
2


同様の部品番号 - 54AC244WG-QML

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Texas Instruments
54AC244 TI1-54AC244 Datasheet
116Kb / 8P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Silicon Supplies
54AC244 SS-54AC244 Datasheet
449Kb / 6P
   Advanced CMOS Logic
logo
Texas Instruments
54AC244-N TI1-54AC244-N Datasheet
275Kb / 10P
[Old version datasheet]   54AC244/54ACT244 Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244-N TI1-54AC244-N Datasheet
116Kb / 8P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
More results

同様の説明 - 54AC244WG-QML

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240_04 Datasheet
82Kb / 8P
   Octal Buffers/Line Drivers with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74BC540A HITACHI-HD74BC540A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74BC541A HITACHI-HD74BC541A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74HC540 HITACHI-HD74HC540 Datasheet
51Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Renesas Technology Corp
RD74LVC540B RENESAS-RD74LVC540B Datasheet
83Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74HCT540 RENESAS-HD74HCT540 Datasheet
112Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
HD74HC540 RENESAS-HD74HC540_15 Datasheet
132Kb / 11P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Texas Instruments
54AC11241 TI1-54AC11241_09 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC244A HITACHI-HD74BC244A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74LVC244A HITACHI-HD74LVC244A Datasheet
47Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74LVC540A HITACHI-HD74LVC540A Datasheet
48Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com