データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA2021-100 データシート(PDF) 10 Page - List of Unclassifed Manufacturers

部品番号 TA2021-100
部品情報  STEREO 100W (4-ohm) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DPP-TM TECHNOLOGY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

TA2021-100 データシート(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TA2021-100 Datasheet HTML 6Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 7Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 8Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 9Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 10Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 11Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 12Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 13Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
T E C H NI CA L INFO RMA T IO N
11
Functional Description – Mode 2
Serial Bus Operation
When OVRLD/SCL is tied to V5 to a 5 k
Ω resistor and the TA2021-100 senses this during power-
up it will go into Mode 2 operation, where control/status of the amplifier is by registers
accessed through a digital serial control bus. This serial bus is compatible with Philips’ I
2CTM bus.
The TA2021-100 operates as a slave device on the bus. The OVRLD/SCL line is an input (no clock
is generated by the TA2021-100) and the HMUTE/SDA line is a bi-directional serial data path.
Six simple operations with the two lines of the serial bus are used for transmitting to or
receiving from a TA2021-100:
1.
Start bit: A high-to-low transition of the data line while the clock line is in a high
state
2.
Seven-bit slave address: The first seven bits following a start bit (MSB first)
3.
Read/write bit which defines whether the slave is a transmitter or receiver: The next
bit immediately after the address is the direction of the transfer. A 0 indicates that
the master will write information to the slave. A 1 indicates that the master will
receive data from the slave.
4.
Acknowledge bit: Every eight-bit byte transferred (including the eight bits
comprising the address and read/write bit) is followed by an acknowledge bit from
the receiver (the master generates all clock pulses). The transmitter releases the
data line during the acknowledge clock pulse. If there was no error detected, the
receiver will pull down the SDA line during the high period of the acknowledge
clock pulse. If a slave receiver is not able to acknowledge, the slave will keep the
SDA line high and the master can then generate a stop bit to abort the transfer. If a
master receiver keeps the SDA line high during the acknowledge clock pulse the
master is signaling the end of data transmission and the slave transmitter releases
the data line to allow the master to generate a stop bit.
5.
Message bits divided into eight-bit bytes: One bit is transferred during each clock
pulse. The data must be stable during the high period of the clock. The data line
can only change when the clock line is low. The MSB of the byte is transmitted first.
6.
Stop bit: A low-to-high transition of the data line while the clock line is in a high
state.
Slave ID Address
The TA2021-100 has a seven-bit slave ID address. The five most-significant bits of the slave
address are hardwired inside the TA2021-100 and are 10000. The two least-significant bits are
determined by the voltage on the MIS/ADDR pin according to the following table:
MIS/ADDR Pin Voltage
(Fraction of V5)
Address
0.00 – 0.25
A1 = 0, A0 = 0
0.25 – 0.50
A1 = 0, A0 = 1
0.50 – 0.75
A1 = 1, A0 = 0
0.75 – 1.00
A1 = 1, A0 = 1


同様の部品番号 - TA2021-100

メーカー部品番号データシート部品情報
logo
TAI-SAW TECHNOLOGY CO.,...
TA2021A TAI-SAW-TA2021A Datasheet
442Kb / 6P
   SAW Filter 869MHz
logo
Tripath Technology Inc.
TA2021B TRIPATH-TA2021B Datasheet
268Kb / 12P
   STEREO 25W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
logo
TAI-SAW TECHNOLOGY CO.,...
TA2021B TAI-SAW-TA2021B Datasheet
708Kb / 6P
   SAW Filter 869 MHz (BW 2MHz) SMD 3X3 mm
More results

同様の説明 - TA2021-100

メーカー部品番号データシート部品情報
logo
Tripath Technology Inc.
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA2022 TRIPATH-TA2022 Datasheet
420Kb / 31P
   STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TK2070 TRIPATH-TK2070 Datasheet
422Kb / 21P
   STEREO 70W (4Ohm) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
logo
List of Unclassifed Man...
TIO-TA1101B ETC1-TIO-TA1101B Datasheet
189Kb / 5P
   STEREO 20W (4-ohm) CLASS-T DIGITAL AUDIO AMPLIFIER CARD USING DIGITAL POWER PROCESSING-TM TECHNOLOGY
logo
Tripath Technology Inc.
TA2021B TRIPATH-TA2021B Datasheet
268Kb / 12P
   STEREO 25W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TK2350 TRIPATH-TK2350 Datasheet
699Kb / 36P
   STEREO 300W (4 OHM ) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TC2000 TRIPATH-TC2000 Datasheet
202Kb / 9P
   STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TCA2002 TRIPATH-TCA2002 Datasheet
257Kb / 18P
   STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TDA2075A TRIPATH-TDA2075A Datasheet
459Kb / 24P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TDA2125A TRIPATH-TDA2125A Datasheet
97Kb / 1P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com