データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA2021-100 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 TA2021-100
部品情報  STEREO 100W (4-ohm) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DPP-TM TECHNOLOGY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

TA2021-100 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  TA2021-100 Datasheet HTML 1Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 2Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 3Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 4Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 5Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 6Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 7Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 8Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
T E C H NI CA L INFO RMA T IO N
3
Minimum and maximum limits are guaranteed but may not be 100% tested.
Performance Characteristics – Single Ended
Unless otherwise specified, f = 1kHz, Measurement Bandwidth = 22kHz. T
A = 25°C.
See Notes 1 & 2 for Operating Conditions and Test/Application Circuit Setup.
Minimum and maximum limits are guaranteed but may not be 100% tested.
Notes:
1)
VP1=VP2=+35V, VN1=VN2=-35V, V5 = +5V, VGG = +11V referenced to PGND
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
POUT
Output Power
(continuous RMS/Channel)
THD+N = 0.1%, RL = 8
RL = 4
THD+N = 10%,
RL = 8
RL = 4
100
90
125
W
W
W
W
THD + N
Total Harmonic Distortion Plus
Noise
POUT = 4W/Channel, RL = 4
.02
%
IHF-IM
IHF Intermodulation Distortion
19kHz, 20kHz, 1:1 (IHF), RL = 4
POUT = 1W/Channel
0.08
%
SNR
Signal-to-Noise Ratio
A Weighted, RL = 4
Ω,
POUT = 100W/Channel
110
dB
CS
Channel Separation
0dBr = __W, RL = 4
Ω, f = 1kHz
80
dB
PSRR
Power Supply Rejection Ratio
Input Referenced, 30kHz Bandwidth
65
dB
η
Power Efficiency
POUT = 90W/Channel, RL = 8
90
%
eNOUT
Output Noise Voltage
A Weighted, no signal, input shorted,
DC offset nulled to zero
150
µV


同様の部品番号 - TA2021-100

メーカー部品番号データシート部品情報
logo
TAI-SAW TECHNOLOGY CO.,...
TA2021A TAI-SAW-TA2021A Datasheet
442Kb / 6P
   SAW Filter 869MHz
logo
Tripath Technology Inc.
TA2021B TRIPATH-TA2021B Datasheet
268Kb / 12P
   STEREO 25W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
logo
TAI-SAW TECHNOLOGY CO.,...
TA2021B TAI-SAW-TA2021B Datasheet
708Kb / 6P
   SAW Filter 869 MHz (BW 2MHz) SMD 3X3 mm
More results

同様の説明 - TA2021-100

メーカー部品番号データシート部品情報
logo
Tripath Technology Inc.
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA2022 TRIPATH-TA2022 Datasheet
420Kb / 31P
   STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TK2070 TRIPATH-TK2070 Datasheet
422Kb / 21P
   STEREO 70W (4Ohm) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
logo
List of Unclassifed Man...
TIO-TA1101B ETC1-TIO-TA1101B Datasheet
189Kb / 5P
   STEREO 20W (4-ohm) CLASS-T DIGITAL AUDIO AMPLIFIER CARD USING DIGITAL POWER PROCESSING-TM TECHNOLOGY
logo
Tripath Technology Inc.
TA2021B TRIPATH-TA2021B Datasheet
268Kb / 12P
   STEREO 25W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TK2350 TRIPATH-TK2350 Datasheet
699Kb / 36P
   STEREO 300W (4 OHM ) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TC2000 TRIPATH-TC2000 Datasheet
202Kb / 9P
   STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TCA2002 TRIPATH-TCA2002 Datasheet
257Kb / 18P
   STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TDA2075A TRIPATH-TDA2075A Datasheet
459Kb / 24P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TDA2125A TRIPATH-TDA2125A Datasheet
97Kb / 1P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com