データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM305AH データシート(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM305AH
部品情報  Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM305AH データシート(HTML) 2 Page - National Semiconductor (TI)

  LM305AH Datasheet HTML 1Page - National Semiconductor (TI) LM305AH Datasheet HTML 2Page - National Semiconductor (TI) LM305AH Datasheet HTML 3Page - National Semiconductor (TI) LM305AH Datasheet HTML 4Page - National Semiconductor (TI) LM305AH Datasheet HTML 5Page - National Semiconductor (TI) LM305AH Datasheet HTML 6Page - National Semiconductor (TI) LM305AH Datasheet HTML 7Page - National Semiconductor (TI) LM305AH Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales Office
Distributors for availability and specifications
(Note 5)
LM105
LM305
LM305A
Input Voltage
50V
40V
50V
Input-Output Differential
40V
40V
40V
Power Dissipation (Note 1)
800 mW
800 mW
800 mW
Operating Temperature Range
b
55 Cto a125 C
b
0 Cto a70 C0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
b
65 Cto a150 C
b
65 Cto a150 C
Lead Temperature (Soldering 10 seconds)
300 C
300 C
300 C
Electrical Characteristics (Note 2)
Parameter
Conditions
LM105
LM305
LM305A
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Input Voltage Range
85
50
85
40
85
50
V
Output Voltage Range
45
40
45
30
45
40
V
Input-Output Voltage
30
30
30
30
30
30
V
Differential
Load Regulation
RSC e 10X TA e 25 C
002
005
002
005
%
(Note 3)
RSC e 10X TA e TA(MAX)
003
01
003
01
%
RSC e 10X TA e TA(MIN)
003
01
003
01
%
0 s IO s 12 mA
0 s IO s 12 mA
RSC e 0X TA e 25 C
002
02
%
RSC e 0X TA e 70 C
003
04
%
RSC e 0X TA e 0 C
003
04
%
0 s IO s 45 mA
Line Regulation
TA e 25 C
%V
0 C s TA s a70 C
%V
VIN b VOUT s 5V TA e 25 C
0025
006
0025
006
0025
006
%V
VIN b VOUT t 5V TA e 25 C
0015
003
0015
003
0015
003
%V
Temperature Stability
TA(MIN) s TA s TA(MAX)
03
10
03
10
03
10
%
2


同様の部品番号 - LM305AH

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM305AH NSC-LM305AH Datasheet
227Kb / 7P
   Voltage Regulators
More results

同様の説明 - LM305AH

メーカー部品番号データシート部品情報
logo
Bookly Micro electronic
BM1084 BOOKLY-BM1084 Datasheet
365Kb / 9P
   Voltage regulators
BM1117 BOOKLY-BM1117 Datasheet
377Kb / 9P
   Voltage regulators
logo
Torex Semiconductor
XC6204 TOREX-XC6204 Datasheet
25Kb / 1P
   Voltage Regulators
logo
National Semiconductor ...
LM105 NSC-LM105 Datasheet
227Kb / 7P
   Voltage Regulators
logo
Wing Shing Computer Com...
LM7812K WINGS-LM7812K Datasheet
65Kb / 1P
   Voltage Regulators
logo
Comset Semiconductor
LM309K COMSET-LM309K Datasheet
99Kb / 2P
   Voltage Regulators
logo
National Semiconductor ...
LM78XX NSC-LM78XX_95 Datasheet
158Kb / 6P
   Voltage Regulators
logo
TAITRON Components Inco...
KIA7805PI TAITRON-KIA7805PI Datasheet
75Kb / 1P
   Voltage Regulators
logo
National Semiconductor ...
LM326 NSC-LM326 Datasheet
452Kb / 8P
   VOLTAGE REGULATORS
logo
List of Unclassifed Man...
TDB0123 ETC1-TDB0123 Datasheet
41Kb / 1P
   voltage regulators
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com