データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54F407FMQB データシート(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 54F407FMQB
部品情報  DATA ACCESS REGISTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F407FMQB データシート(HTML) 7 Page - National Semiconductor (TI)

Back Button 54F407FMQB Datasheet HTML 2Page - National Semiconductor (TI) 54F407FMQB Datasheet HTML 3Page - National Semiconductor (TI) 54F407FMQB Datasheet HTML 4Page - National Semiconductor (TI) 54F407FMQB Datasheet HTML 5Page - National Semiconductor (TI) 54F407FMQB Datasheet HTML 6Page - National Semiconductor (TI) 54F407FMQB Datasheet HTML 7Page - National Semiconductor (TI) 54F407FMQB Datasheet HTML 8Page - National Semiconductor (TI) 54F407FMQB Datasheet HTML 9Page - National Semiconductor (TI) 54F407FMQB Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AC Electrical Characteristics (Continued)
54F
Symbol
Parameter
TA VCC e Mil
Units
Fig
CL e 50 pF
No
Min
Max
tcw
Clock Period
360
ns
ts(H)
Setup Time HIGH or LOW
45
ts(L)
I1–I3 to Negative-Going CP
45
ns
407-c
th(H)
Hold Time HIGH or LOW
0
th(L)
I1–I3 to Positive-Going CP
0
ts(H)
Setup Time HIGH or LOW
185
ts(L)
Dn or C1 to Negative-Going CP
185
th(H)
Hold Time HIGH or LOW
0
ns
407-c
th(L)
Dn or CI to
0
Negative-Going Clock
ts(H)
Setup Time HIGH or LOW
145
ts(L)
CI to Positive-Going CP
145
ns
407-c
th(H)
Hold Time HIGH or LOW
0
th(L)
CI to Positive-Going CP
0
tw(H)
Clock Pulse Width
85
ns
407-c
tw(L)
HIGH or LOW
85
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
54F
407
D
M
QB
Temperature Range Family
Special Variations
54F e Military
QB e Military grade device with
environmental and burn-in
Device Type
processing
Package Code
Temperature Range
D e Ceramic DIP
M e Military (b55 Cto a125 C)
SD e Slim Ceramic DIP
F e Flatpak
L e Leadless Chip Carrier (LCC)
7


同様の部品番号 - 54F407FMQB

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54F402 NSC-54F402 Datasheet
177Kb / 12P
   Serial Data Polynomial Generator/Checker
54F402DM NSC-54F402DM Datasheet
177Kb / 12P
   Serial Data Polynomial Generator/Checker
54F402FM NSC-54F402FM Datasheet
177Kb / 12P
   Serial Data Polynomial Generator/Checker
54F402LM NSC-54F402LM Datasheet
177Kb / 12P
   Serial Data Polynomial Generator/Checker
More results

同様の説明 - 54F407FMQB

メーカー部品番号データシート部品情報
logo
OmniVision Technologies...
OX01B40 OMNIVISION-OX01B40 Datasheet
628Kb / 2P
   SCCB for register access
logo
NXP Semiconductors
74F199 PHILIPS-74F199 Datasheet
68Kb / 8P
   8-bit parallel-access shift register
June 15, 1988
logo
Hitachi Semiconductor
HD74HC195 HITACHI-HD74HC195 Datasheet
50Kb / 9P
   4-bit Parallel-Access Shift Register
logo
NXP Semiconductors
74HC195 PHILIPS-74HC195 Datasheet
67Kb / 9P
   4-bit parallel access shift register
December 1990
logo
Renesas Technology Corp
HD74HC195 RENESAS-HD74HC195 Datasheet
189Kb / 8P
   4-bit Parallel-Access Shift Register
logo
Motorola, Inc
MC74F195 MOTOROLA-MC74F195 Datasheet
91Kb / 4P
   4-BIT PARALLEL ACCESS SHIFT REGISTER
logo
Hitachi Semiconductor
HD74HC95 HITACHI-HD74HC95 Datasheet
44Kb / 8P
   4-bit Parallel Access Shift Register
logo
Renesas Technology Corp
HD74LS195A RENESAS-HD74LS195A Datasheet
188Kb / 8P
   4-bit Parallel-Access Shift Register
logo
NXP Semiconductors
74F195A PHILIPS-74F195A Datasheet
74Kb / 10P
   4-bit parallel-access shift register
1996 Mar 12
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com