データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STGB6NB60HD データシート(PDF) 8 Page - STMicroelectronics

部品番号 STGB6NB60HD
部品情報  N-CHANNEL 6A - 600V - D2PAK Low Drop PowerMESH??IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB6NB60HD データシート(HTML) 8 Page - STMicroelectronics

Back Button STGB6NB60HD Datasheet HTML 2Page - STMicroelectronics STGB6NB60HD Datasheet HTML 3Page - STMicroelectronics STGB6NB60HD Datasheet HTML 4Page - STMicroelectronics STGB6NB60HD Datasheet HTML 5Page - STMicroelectronics STGB6NB60HD Datasheet HTML 6Page - STMicroelectronics STGB6NB60HD Datasheet HTML 7Page - STMicroelectronics STGB6NB60HD Datasheet HTML 8Page - STMicroelectronics STGB6NB60HD Datasheet HTML 9Page - STMicroelectronics STGB6NB60HD Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
5 Packaging mechanical data
STGB6NB60HD
8/10
5
Packaging mechanical data
TAPE AND REEL SHIPMENT
D2PAK FOOTPRINT
* on sales type
DIM.
mm
inch
MIN.
MAX.
MIN.
MAX.
A
330
12.992
B
1.5
0.059
C
12.8
13.2
0.504
0.520
D
20.2
0795
G
24.4
26.4
0.960
1.039
N
100
3.937
T
30.4
1.197
BASE QTY
BULK QTY
1000
1000
REEL MECHANICAL DATA
DIM.
mm
inch
MIN.
MAX.
MIN.
MAX.
A0
10.5
10.7
0.413
0.421
B0
15.7
15.9
0.618
0.626
D
1.5
1.6
0.059
0.063
D1
1.59
1.61
0.062
0.063
E
1.65
1.85
0.065
0.073
F
11.4
11.6
0.449
0.456
K0
4.8
5.0
0.189
0.197
P0
3.9
4.1
0.153
0.161
P1
11.9
12.1
0.468
0.476
P2
1.9
2.1
0.075
0.082
R
50
1.574
T
0.25
0.35
0.0098 0.0137
W
23.7
24.3
0.933
0.956
TAPE MECHANICAL DATA


同様の部品番号 - STGB6NB60HD

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STGB6NC60H STMICROELECTRONICS-STGB6NC60H Datasheet
326Kb / 14P
   N-channel 600V - 7A - D2PAK Very fast PowerMESH TM IGBT
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD Datasheet
406Kb / 17P
   N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD Datasheet
424Kb / 18P
   N-channel 600V - 7A - I2PAK / D2PAK / TO-220 / TO-220FP Very fast PowerMESH??IGBT
STGB6NC60HD-1 STMICROELECTRONICS-STGB6NC60HD-1 Datasheet
424Kb / 18P
   N-channel 600V - 7A - I2PAK / D2PAK / TO-220 / TO-220FP Very fast PowerMESH??IGBT
STGB6NC60HDT4 STMICROELECTRONICS-STGB6NC60HDT4 Datasheet
406Kb / 17P
   N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
More results

同様の説明 - STGB6NB60HD

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STGD3NB60HD STMICROELECTRONICS-STGD3NB60HD Datasheet
504Kb / 10P
   N-CHANNEL 6A - 600V - DPAK PowerMESH TM IGBT
STGW35NB60S STMICROELECTRONICS-STGW35NB60S Datasheet
274Kb / 13P
   N-channel 35A - 600V - TO-247 Low drop PowerMESH??IGBT
March 2007 Rev 1
STGP7NB60FD STMICROELECTRONICS-STGP7NB60FD Datasheet
505Kb / 11P
   N-CHANNEL 7A - 600V TO-220 / D2PAK PowerMESH IGBT
STGD6NC60HD STMICROELECTRONICS-STGD6NC60HD Datasheet
224Kb / 9P
   N-CHANNEL 6A - 600V DPAK Very Fast PowerMESH IGBT
STGP10NB60SD STMICROELECTRONICS-STGP10NB60SD Datasheet
242Kb / 12P
   N-CHANNEL 10A - 600V - TO-220 Low Drop PowerMESH TM IGBT
STGW35NB60SD STMICROELECTRONICS-STGW35NB60SD Datasheet
242Kb / 13P
   N-CHANNEL 35A - 600V - TO-247 Low Drop PowerMESH TM IGBT
STGB6NC60H STMICROELECTRONICS-STGB6NC60H Datasheet
326Kb / 14P
   N-channel 600V - 7A - D2PAK Very fast PowerMESH TM IGBT
STGB3NB60KD STMICROELECTRONICS-STGB3NB60KD Datasheet
326Kb / 12P
   N-CHANNEL 6A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT PROOF PowerMESH TM IGBT
STGP7NB60K STMICROELECTRONICS-STGP7NB60K Datasheet
710Kb / 14P
   N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH??IGBT
STGB14NC60K STMICROELECTRONICS-STGB14NC60K_06 Datasheet
435Kb / 16P
   N-channel 14A - 600V -DPAK - D2PAK Short circuit rated PowerMESH TM IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com