データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST300S20M0 データシート(PDF) 7 Page - International Rectifier

部品番号 ST300S20M0
部品情報  PHASE CONTROL THYRISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

ST300S20M0 データシート(HTML) 7 Page - International Rectifier

  ST300S20M0 Datasheet HTML 1Page - International Rectifier ST300S20M0 Datasheet HTML 2Page - International Rectifier ST300S20M0 Datasheet HTML 3Page - International Rectifier ST300S20M0 Datasheet HTML 4Page - International Rectifier ST300S20M0 Datasheet HTML 5Page - International Rectifier ST300S20M0 Datasheet HTML 6Page - International Rectifier ST300S20M0 Datasheet HTML 7Page - International Rectifier ST300S20M0 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ST300S Series
7
Bulletin I25158 rev. B 01/94
www.irf.com
Fig. 7 - On-state Voltage Drop Characteristics
100
1000
10000
012
34
567
89
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 125°C
J
ST300S Series
0. 001
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
ST300S Series
Steady State Value
R
= 0.10 K/W
(DC Operation)
thJC
Fig. 8 - Thermal Impedance Z
thJC Characteristic
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
3000
3500
4000
4500
5000
5500
6000
6500
7000
7500
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
ST300S Series
Initial T = 125°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
3000
3500
4000
4500
5000
5500
6000
6500
7000
7500
8000
8500
0.01
0.1
1
Pulse T rain Duration (s)
Versus Pulse Train Duration. Control
ST300S Series
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
J
RRM
Maximum Non Repetitive Surge Current
Of Conduction May Not Be Maintained.


同様の部品番号 - ST300S20M0

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
ST300S20P0-PBF VISHAY-ST300S20P0-PBF Datasheet
145Kb / 7P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
More results

同様の説明 - ST300S20M0

メーカー部品番号データシート部品情報
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com