データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST300S04P0L データシート(PDF) 6 Page - International Rectifier

部品番号 ST300S04P0L
部品情報  PHASE CONTROL THYRISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

ST300S04P0L データシート(HTML) 6 Page - International Rectifier

  ST300S04P0L Datasheet HTML 1Page - International Rectifier ST300S04P0L Datasheet HTML 2Page - International Rectifier ST300S04P0L Datasheet HTML 3Page - International Rectifier ST300S04P0L Datasheet HTML 4Page - International Rectifier ST300S04P0L Datasheet HTML 5Page - International Rectifier ST300S04P0L Datasheet HTML 6Page - International Rectifier ST300S04P0L Datasheet HTML 7Page - International Rectifier ST300S04P0L Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ST300S Series
6
Bulletin I25158 rev. B 01/94
www.irf.com
Fig. 3 - On-state Power Loss Characteristics
Fig. 4 - On-state Power Loss Characteristics
25
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
0.0
8
K/
W
0.
2 K
/W
0.3
K/W
0.4
K/W
0. 6 K/W
1.2 K/W
0.1
2
K/
W
0
40
80
120
160
200
240
280
320
360
400
440
480
0
40
80
120 160 200 240 280 320
180°
120°
90°
60°
30°
RMS Limit
Conduction Angle
Average On-state Current (A)
ST 300S Series
T = 125°C
J
25
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
0.0
8
K/W
0.1
2
K/W
0.2
K/W
0.3 K
/W
0. 6 K/W
1.2 K/W
0
50
100
150
200
250
300
350
400
450
500
550
600
650
0
100
200
300
400
500
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average On-state Current (A)
ST300S Series
T = 125°C
J
60
70
80
90
100
110
120
130
0
100
200
300
400
500
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Period
ST300S Series
R
(DC) = 0.10 K/W
thJC
70
80
90
100
110
120
130
0
50
100
150
200
250
300
350
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Angle
ST300S Series
R
(DC) = 0.10 K/W
thJC
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics


同様の部品番号 - ST300S04P0L

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
ST300S VISHAY-ST300S Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
ST300S20P0-PBF VISHAY-ST300S20P0-PBF Datasheet
145Kb / 7P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
ST300SPBF VISHAY-ST300SPBF Datasheet
145Kb / 7P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
More results

同様の説明 - ST300S04P0L

メーカー部品番号データシート部品情報
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com