データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC2574-VPA データシート(PDF) 7 Page - TelCom Semiconductor, Inc

部品番号 TC2574-VPA
部品情報  0.5A Step-Down Switching Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TELCOM [TelCom Semiconductor, Inc]
ホームページ  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC2574-VPA データシート(HTML) 7 Page - TelCom Semiconductor, Inc

Back Button TC2574-VPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC2574-VPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC2574-VPA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC2574-VPA Datasheet HTML 6Page - TelCom Semiconductor, Inc TC2574-VPA Datasheet HTML 7Page - TelCom Semiconductor, Inc TC2574-VPA Datasheet HTML 8Page - TelCom Semiconductor, Inc TC2574-VPA Datasheet HTML 9Page - TelCom Semiconductor, Inc TC2574-VPA Datasheet HTML 10Page - TelCom Semiconductor, Inc TC2574-VPA Datasheet HTML 11Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
TC2574
0.5A Step-Down Switching Regulator
TC2574-1 1/6/00
Procedure (Fixed Output Voltage Version)
In order to simplify the switching regulator design, a step-by-step design procedure and examples are provided.
Procedure
Example
Given Parameters:
Given Parameters:
VOUT = Regulated Output Voltage (3.3V, 5.0V or 12V)
VOUT = 5.0 V
VIN(max) = Maximum Input Voltage
VIN (max) = 15 V
ILOAD(max) = Maximum Load Current
ILOAD (max) = 0.4 A
1. Controller IC Selection
1. Controller IC Selection
According to the required input voltage, output voltage and
According to the required input voltage, output voltage,
current select the appropriate type of the controller
polarity and current value, use the TC2574–5
IC output voltage version.
controlller IC.
2. Input Capacitor Selection (CIN )
2. Input Capacitor Selection (CIN )
To prevent large voltage transients from appearing at the input
A 22
µF, 25V aluminium electrolytic capacitor
tantalum electrolytic bypass capacitor is needed between the
located near to the input and ground pins provides input
pin +VIN and ground pin Gnd. This capacitor should be
sufficient bypassing.
located close to the IC using short leads. This capacitor should
have a low ESR (Equivalent Series Resistance) value.
3. Catch Diode Selection (D1)
3. Catch Diode Selection (D1)
A. Since the diode maximum peak current exceeds the
A. For this example the current rating of the diode is 1.0A
regulator maximum load current.
For a robust design the diode should have a current rating
equal to the maximum current limit of the TC2574 to be
able to withstand a continuous output short.
B. The reverse voltage rating of the diode should be at least
B. Use a 20V 1N5817 Schottky diode, or any of the
1.25 times the maximum input voltage.
suggested fast recovery diodes shown in Table 1.
4. Inductor Selection (L1)
4. Inductor Selection (L1)
A. According to the required working conditions, select the
A. Use the inductor selection guide shown in Figure 38.
correct inductor value using the selection guide from
Figures 39 to 41.
B. From the appropriate inductor selection guide, identify the
B. From the selection guide, the inductance area
inductance region intersected by the Maximum Input Voltage
intersected by the 15V line and 0.4A line is 330.
line and the Maximum Load Current line. Each region is
identified by an inductance value and an inductor code.
C. Select an appropriate inductor from the several different
C. Inductor value required is 330
µH. From Table 2,
manufacturers part numbers listed in Table 2. The designer
choose an inductor from any of the listed
must realize that the inductor current rating must be higher
manufacturers.
than the maximum peak current flowing through the inductor.
This maximum peak current can be calculated as follows:
IP (max) = ILOAD (max)+
(VIN – VOUT ) tON
2L
where tON is the "on" time of the power switch and
tON =
VOUT
x
1.0
VIN
fOSC
For additional information about the inductor, see the inductor
section in the “EXTERNAL COMPONENTS” section of this
data sheet.


同様の部品番号 - TC2574-VPA

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
   1W Low-Cost Packaged PHEMT GaAs Power FETs
logo
Transcom, Inc.
TC2571 TRANSCOM-TC2571 Datasheet
196Kb / 3P
   1 W Low-Cost Packaged PHEMT GaAs Power FETs
logo
TelCom Semiconductor, I...
TC2575 TELCOM-TC2575 Datasheet
168Kb / 25P
   1.0A Step-Down Switching Regulator
TC2575-12.0VAT TELCOM-TC2575-12.0VAT Datasheet
168Kb / 25P
   1.0A Step-Down Switching Regulator
TC2575-3.3VAT TELCOM-TC2575-3.3VAT Datasheet
168Kb / 25P
   1.0A Step-Down Switching Regulator
More results

同様の説明 - TC2574-VPA

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM25007 NSC-LM25007 Datasheet
617Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI1-LM25007_14 Datasheet
933Kb / 17P
[Old version datasheet]   42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007MMX TI-LM25007MMX Datasheet
924Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007 TI-LM25007_15 Datasheet
956Kb / 20P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007MMX TI1-LM25007MMX Datasheet
950Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM5574 TI1-LM5574_14 Datasheet
911Kb / 28P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com