データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100EP223 データシート(PDF) 4 Page - Motorola, Inc

部品番号 MC100EP223
部品情報  Low-Voltage 1:22 Differential PECL/HSTL Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC100EP223 データシート(HTML) 4 Page - Motorola, Inc

  MC100EP223 Datasheet HTML 1Page - Motorola, Inc MC100EP223 Datasheet HTML 2Page - Motorola, Inc MC100EP223 Datasheet HTML 3Page - Motorola, Inc MC100EP223 Datasheet HTML 4Page - Motorola, Inc MC100EP223 Datasheet HTML 5Page - Motorola, Inc MC100EP223 Datasheet HTML 6Page - Motorola, Inc MC100EP223 Datasheet HTML 7Page - Motorola, Inc MC100EP223 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC100EP223
MOTOROLA
TIMING SOLUTIONS
DL207 — Rev 0
4
APPLICATIONS INFORMATION
Using the thermally enhanced package of the
MC100EP223
The MC100EP223 uses a thermally enhanced 64 lead
LQFP package. This package provides the low thermal
impedance that supports the power consumption of the
MC100EP223 high-speed bipolar integrated circuit and
eases the power management task for the system design. An
exposed pad at the bottom of the package establishes
thermal conductivity from the package to the printed circuit
board. In order to take advantage of the enhanced thermal
capabilitites of this package, it is recommended to solder the
exposed pad of the package to the printed circuit board. The
attachment process for exposed pad package is the same as
for any standard surface mount package. Vias are
recommended from the pad on the board down to an
appropriate plane in the board that is capable of distributing
the heat. In order to supply enough solder paste to fill those
vias and not starve the solder joints, it may be required to
stencil print solder paste onto the printed circuit pad. This pad
should match the dimensions of the exposed pad. The
dimensions of the exposed pad are shown on the package
outline in this specification. For thermal system analysis and
junction temperature calculation the thermal resistance
parameters of the package is provided:
Thermal Resistance
Convection
LFPM
RTHJAa
°C/W
RTHJAb
°C/W
RTHJCc
°C/W
RTHJBd
°C/W
Natural
57.1
24.9
100
50.0
21.3
200
46.9
20.0
15.8
9.7
400
43.4
18.7
800
38.6
16.9
a.
Junction to ambient, single layer test board, per JESD51-6
b.
Junction to ambient, four conductor layer test board (2S2P),
per JES51-6
c.
Junction to case, per MIL-SPEC 883E, method 1012.1
d.
Junction to board, four conductor layer test board (2S2P) per
JESD 51-8
It is recommended that users employ thermal modeling
analysis to assist in applying the general recommendations
to their particular application. The exposed pad of the
MC100EP223 package does not have an electrical low
impedance path to the substrate of the integrated circuit and
its terminals.


同様の部品番号 - MC100EP223

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EP210S ONSEMI-MC100EP210S Datasheet
66Kb / 8P
   2.5V1:5 Dual Differential LVDS Compatible Clock Driver
May, 2002 ??Rev. 5
MC100EP210S ONSEMI-MC100EP210S Datasheet
96Kb / 7P
   2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
March, 2006 ??Rev. 8
MC100EP210S ONSEMI-MC100EP210S Datasheet
209Kb / 8P
   Clock Management Design Using Low Skew and Low Jitter Devices
June, 2001 ??Rev. 0
MC100EP210SFA ONSEMI-MC100EP210SFA Datasheet
66Kb / 8P
   2.5V1:5 Dual Differential LVDS Compatible Clock Driver
May, 2002 ??Rev. 5
MC100EP210SFA ONSEMI-MC100EP210SFA Datasheet
96Kb / 7P
   2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
March, 2006 ??Rev. 8
More results

同様の説明 - MC100EP223

メーカー部品番号データシート部品情報
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
SK10EP111 SEMTECH-SK10EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
logo
ON Semiconductor
NB100LVEP221 ONSEMI-NB100LVEP221_15 Datasheet
134Kb / 12P
   Differential HSTL/ECL/PECL Clock Driver
April, 2015 ??Rev. 10
logo
Renesas Technology Corp
8T33FS6221 RENESAS-8T33FS6221 Datasheet
1Mb / 23P
   Low Voltage 1:20 Differential PECL/HSTL Clock Fanout Buffer
Apr 8, 2021
logo
ON Semiconductor
NB100EP223 ONSEMI-NB100EP223 Datasheet
162Kb / 10P
   3.3V1:22 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Output Enable
November, 2006 ??Rev. 7
logo
Motorola, Inc
MPC911 MOTOROLA-MPC911 Datasheet
74Kb / 4P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/HSTL TO HSTL CLOCK DRIVER
logo
Freescale Semiconductor...
MC100ES6221 FREESCALE-MC100ES6221 Datasheet
315Kb / 12P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14_06 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
MC100EP14 ONSEMI-MC100EP14 Datasheet
66Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
June, 2004 ??Rev. 3
logo
Renesas Technology Corp
MC100ES6221 RENESAS-MC100ES6221 Datasheet
684Kb / 13P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com