データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS84118T-133 データシート(PDF) 8 Page - GSI Technology

部品番号 GS84118T-133
部品情報  256K x 18 Sync Cache Tag
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GSI [GSI Technology]
ホームページ  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS84118T-133 データシート(HTML) 8 Page - GSI Technology

Back Button GS84118T-133 Datasheet HTML 4Page - GSI Technology GS84118T-133 Datasheet HTML 5Page - GSI Technology GS84118T-133 Datasheet HTML 6Page - GSI Technology GS84118T-133 Datasheet HTML 7Page - GSI Technology GS84118T-133 Datasheet HTML 8Page - GSI Technology GS84118T-133 Datasheet HTML 9Page - GSI Technology GS84118T-133 Datasheet HTML 10Page - GSI Technology GS84118T-133 Datasheet HTML 11Page - GSI Technology GS84118T-133 Datasheet HTML 12Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Rev: 1.05 7/2001
8/30
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS84118T/B-166/150/130/100
Synchronous Truth Table
Notes:
1. X means “don’t care,” H means “logic high,” L means “logic low.”
2. Write is the logic function of GW, BWE, BW1, BW2. See Byte Write Function table for detail.
3. All inputs, except OE, must meet setup and hold on rising edge of CLK.
4. Suspending busrt generates a wait cycle.
5. ADSP LOW along with SRAM being selected always initiates a Read cycle at the L-H edge of the clock (CLK).
6. A Write cycle can only be performed by setting Write low for the clock L-H edge of the subsequent wait cycle.
Refer to page 12 for the Write timing diagram.
Operation
Address Used
CE1 CE2 CE3 ADSP
ADSC
ADV
Write
OE CLK
DQ
Deselect Cycle, Power Down
none
H
X
X
X
L
X
X
X
L-H
High-Z
Deselect Cycle, Power Down
none
L
L
X
L
X
X
X
X
L-H
High-Z
Deselect Cycle, Power Down
none
L
X
H
L
X
X
X
X
L-H
High-Z
Deselect Cycle, Power Down
none
L
L
X
H
L
X
X
X
L-H
High-Z
Deselect Cycle, Power Down
none
L
X
H
H
L
X
X
X
L-H
High-Z
Read Cycle, Begin Burst
external
L
H
L
L
X
X
X
L
L-H
Q
Read Cycle, Begin Burst
external
L
H
L
L
X
X
X
H
L-H
High-Z
Read Cycle, Begin Burst
external
L
H
L
H
L
X
H
L
L-H
Q
Read Cycle, Begin Burst
external
L
H
L
H
L
X
H
H
L-H
High-Z
Write Cycle, Begin Burst
external
L
H
L
H
L
X
L
X
L-H
D
Read Cycle, Continue Burst
next
X
X
X
H
H
L
H
L
L-H
Q
Read Cycle, Continue Burst
next
X
X
X
H
H
L
H
H
L-H
High-Z
Read Cycle, Continue Burst
next
H
X
X
X
H
L
H
L
L-H
Q
Read Cycle, Continue Burst
next
H
X
X
X
H
L
H
H
L-H
High-Z
Write Cycle, Continue Burst
next
X
X
X
H
H
L
L
X
L-H
D
Write Cycle, Continue Burst
next
H
X
X
X
H
L
L
X
L-H
D
Read Cycle, Suspend Burst
current
X
X
X
H
H
H
H
L
L-H
Q
Read Cycle, Suspend Burst
current
X
X
X
H
H
H
H
H
L-H
High-Z
Read Cycle, Suspend Burst
current
H
X
X
X
H
H
H
L
L-H
Q
Read Cycle, Suspend Burst
current
H
X
X
X
H
H
H
H
L-H
High-Z
Write Cycle, Suspend Burst
current
X
X
X
H
H
H
L
X
L-H
D
Write Cycle, Suspend Burst
current
H
X
X
X
H
H
L
X
L-H
D


同様の部品番号 - GS84118T-133

メーカー部品番号データシート部品情報
logo
GSI Technology
GS84118AB-100 GSI-GS84118AB-100 Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-100I GSI-GS84118AB-100I Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-133 GSI-GS84118AB-133 Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-150 GSI-GS84118AB-150 Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-150I GSI-GS84118AB-150I Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
More results

同様の説明 - GS84118T-133

メーカー部品番号データシート部品情報
logo
GSI Technology
GS841E18AT GSI-GS841E18AT Datasheet
600Kb / 21P
   256K x 18 Sync Cache Tag
GS84118AT GSI-GS84118AT Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
logo
Cypress Semiconductor
CY7C1359A CYPRESS-CY7C1359A Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
logo
Weida Semiconductor, In...
WCSS0418V1P WEIDA-WCSS0418V1P Datasheet
664Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1325B CYPRESS-CY7C1325B Datasheet
339Kb / 17P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0418V1F WEIDA-WCSS0418V1F Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Cypress Semiconductor
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
CY7C1325 CYPRESS-CY7C1325 Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0436V1P WEIDA-WCSS0436V1P Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Motorola, Inc
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
   64K x 18 Bit Synchronous Pipelined Cache Tag RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com