データシートサーチシステム |
|
GS84118T-100I データシート(PDF) 10 Page - GSI Technology |
|
GS84118T-100I データシート(HTML) 10 Page - GSI Technology |
10 / 30 page Rev: 1.05 7/2001 10/30 © 1999, Giga Semiconductor, Inc. Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. GS84118T/B-166/150/130/100 Package Thermal Characteristics Notes: 1. Junction temperature is a function of SRAM power dissapation, package thermal resistance, mounting board temperature, ambient. Temperature air flow, board density, and PCB thermal resistance. 2. SCMI G-38-87. 3. Average thermal resistance between die and top surface, MIL SPEC-883, Method 1012.1. Rating Layer Board Symbol TQFP max PBGA max Unit Notes Junction to Ambient (at 200 lfm) single RΘJA 32 28 °C/W 1,2 Junction to Ambient (at 200 lfm) four RΘJA 20 18 °C/W 1,2 Junction to Case (TOP) — RΘJC 7 4 °C/W 3 AC Test Conditions (VDD = 3.135 V–3.6 V, TA = 0–70°C) Notes: 1. Include scope and jig capacitance. 2. Test conditions as specified with output loading as shown in Fig. 1 unless otherwise noted. 3. Output load 2 for tLZ, tHZ, tOLZ and tOHZ. 4. Device is deselected as defined by the Truth Table. Parameter Conditions Input high level VIH = 2.3 V Input low level VIL = 0.2 V Input slew rate TR = 1 V/ns Input reference level 1.25 V Output reference level 1.25 V Output load Fig. 1& 2 DQ VT = 1.25 V 5 0W 30pF1 DQ 2.5 V FIG. 1 Output load 1 Output load 2 FIG. 2 225W 225W 5pF1 |
同様の部品番号 - GS84118T-100I |
|
同様の説明 - GS84118T-100I |