データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS8321ZV18E-225 データシート(PDF) 1 Page - GSI Technology

部品番号 GS8321ZV18E-225
部品情報  36Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GSI [GSI Technology]
ホームページ  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8321ZV18E-225 データシート(HTML) 1 Page - GSI Technology

  GS8321ZV18E-225 Datasheet HTML 1Page - GSI Technology GS8321ZV18E-225 Datasheet HTML 2Page - GSI Technology GS8321ZV18E-225 Datasheet HTML 3Page - GSI Technology GS8321ZV18E-225 Datasheet HTML 4Page - GSI Technology GS8321ZV18E-225 Datasheet HTML 5Page - GSI Technology GS8321ZV18E-225 Datasheet HTML 6Page - GSI Technology GS8321ZV18E-225 Datasheet HTML 7Page - GSI Technology GS8321ZV18E-225 Datasheet HTML 8Page - GSI Technology GS8321ZV18E-225 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Rev: 1.03 11/2004
1/31
© 2003, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS8321ZV18/32/36E-250/225/200/166/150/133
36Mb Pipelined and Flow Through
Synchronous NBT SRAM
250 MHz–133 MHz
1.8 V VDD
1.8 V I/O
165-Bump FP-BGA
Commercial Temp
Industrial Temp
Features
• User-configurable Pipeline and Flow Through mode
• NBT (No Bus Turn Around) functionality allows zero wait
read-write-read bus utilization
• Fully pin-compatible with both pipelined and flow through
NtRAM™, NoBL™ and ZBT™ SRAMs
• IEEE 1149.1 JTAG-compatible Boundary Scan
• 1.8 V +10%/–10% core power supply
• LBO pin for Linear or Interleave Burst mode
• Pin-compatible with 2Mb, 4Mb, 8Mb, and 18Mb devices
• Byte write operation (9-bit Bytes)
• 3 chip enable signals for easy depth expansion
• ZZ pin for automatic power-down
• JEDEC-standard 165-bump FP-BGA package
Functional Description
The GS8321ZV18/32/36E is a 36Mbit Synchronous Static
SRAM. GSI's NBT SRAMs, like ZBT, NtRAM, NoBL or
other pipelined read/double late write or flow through read/
single late write SRAMs, allow utilization of all available bus
bandwidth by eliminating the need to insert deselect cycles
when the device is switched from read to write cycles.
Because it is a synchronous device, address, data inputs, and
read/ write control inputs are captured on the rising edge of the
input clock. Burst order control (LBO) must be tied to a power
rail for proper operation. Asynchronous inputs include the
Sleep mode enable, ZZ and Output Enable. Output Enable can
be used to override the synchronous control of the output
drivers and turn the RAM's output drivers off at any time.
Write cycles are internally self-timed and initiated by the rising
edge of the clock input. This feature eliminates complex off-
chip write pulse generation required by asynchronous SRAMs
and simplifies input signal timing.
The GS8321ZV18/32/36E may be configured by the user to
operate in Pipeline or Flow Through mode. Operating as a
pipelined synchronous device, in addition to the rising-edge-
triggered registers that capture input signals, the device
incorporates a rising-edge-triggered output register. For read
cycles, pipelined SRAM output data is temporarily stored by
the edge triggered output register during the access cycle and
then released to the output drivers at the next rising edge of
clock.
The GS8321ZV18/32/36E is implemented with GSI's high
performance CMOS technology and is available in JEDEC-
standard 165-bump FP-BGA package.
Parameter Synopsis
-250 -225 -200 -166 -150 -133 Unit
Pipeline
3-1-1-1
tKQ
tCycle
2.5
4.0
2.7
4.4
3.0
5.0
3.5
6.0
3.8
6.6
4.0
7.5
ns
ns
Curr (x18)
Curr (x32/x36)
285
350
265
320
245
295
220
260
210
240
185
215
mA
mA
Flow
Through
2-1-1-1
tKQ
tCycle
6.5
6.5
7.0
7.0
7.5
7.5
8.0
8.0
8.5
8.5
8.5
8.5
ns
ns
Curr (x18)
Curr (x32/x36)
205
235
195
225
185
210
175
200
165
190
155
175
mA
mA


同様の部品番号 - GS8321ZV18E-225

メーカー部品番号データシート部品情報
logo
GSI Technology
GS8321Z18 GSI-GS8321Z18 Datasheet
1Mb / 34P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8321Z18AD-150IV GSI-GS8321Z18AD-150IV Datasheet
305Kb / 32P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8321Z18AD-150V GSI-GS8321Z18AD-150V Datasheet
305Kb / 32P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8321Z18AD-200IV GSI-GS8321Z18AD-200IV Datasheet
305Kb / 32P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8321Z18AD-200V GSI-GS8321Z18AD-200V Datasheet
305Kb / 32P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

同様の説明 - GS8321ZV18E-225

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
GS8320Z36T-166 ETC-GS8320Z36T-166 Datasheet
643Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
logo
GSI Technology
GS8321Z36AGD-250IV GSI-GS8321Z36AGD-250IV Datasheet
305Kb / 32P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322Z18 GSI-GS8322Z18 Datasheet
763Kb / 38P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322Z18B-V GSI-GS8322Z18B-V Datasheet
1Mb / 39P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8321Z18 GSI-GS8321Z18 Datasheet
1Mb / 34P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322ZV18B GSI-GS8322ZV18B Datasheet
1Mb / 39P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8320Z18T GSI-GS8320Z18T Datasheet
463Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8320Z18T-V GSI-GS8320Z18T-V Datasheet
1,013Kb / 23P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8321Z18E GSI-GS8321Z18E Datasheet
1Mb / 34P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8320ZV18T GSI-GS8320ZV18T Datasheet
606Kb / 23P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com