データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC3564CT-55U データシート(PDF) 5 Page - Sanyo Semicon Device

部品番号 LC3564CT-55U
部品情報  64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC3564CT-55U データシート(HTML) 5 Page - Sanyo Semicon Device

  LC3564CT-55U Datasheet HTML 1Page - Sanyo Semicon Device LC3564CT-55U Datasheet HTML 2Page - Sanyo Semicon Device LC3564CT-55U Datasheet HTML 3Page - Sanyo Semicon Device LC3564CT-55U Datasheet HTML 4Page - Sanyo Semicon Device LC3564CT-55U Datasheet HTML 5Page - Sanyo Semicon Device LC3564CT-55U Datasheet HTML 6Page - Sanyo Semicon Device LC3564CT-55U Datasheet HTML 7Page - Sanyo Semicon Device LC3564CT-55U Datasheet HTML 8Page - Sanyo Semicon Device LC3564CT-55U Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AC Electrical Characteristics at Ta = –40 to +85°C, VCC = 4.5 to 5.5 V
No. 6635-5/11
LC3564CM, CT-55U/70U
LC3564CM, CT
Parameter
Symbol
-55U
-70U
Unit
min
max
min
max
Read cycle time
tRC
55
70
ns
Address access time
tAA
55
70
ns
CE1 access time
tCA1
55
70
ns
CE2 access time
tCA2
55
70
ns
OE access time
tOA
30
35
ns
Output hold time
tOH
10
10
ns
CE1 output enable time
tCOE1
5
10
ns
CE2 output enable time
tCOE2
5
10
ns
OE output enable time
tOOE
5
5
ns
CE1 output disable time
tCOD1
20
30
ns
CE2 output disable time
tCOD2
20
30
ns
OE output disable time
tOOD
20
25
ns
Read Cycle
LC3564CM, CT
Parameter
Symbol
-55U
-70U
Unit
min
max
min
max
Write cycle time
tWC
55
70
ns
Address setup time
tAS
0
0
ns
Write pulse width
tWP
40
50
ns
CE1 setup time
tCW1
50
60
ns
CE2 setup time
tCW2
50
60
ns
Write recovery time
tWR
0
0
ns
CE1 write recovery time
tWR1
0
0
ns
CE2 write recovery time
tWR2
0
0
ns
Data setup time
tDS
25
35
ns
Data hold time
tDH
0
0
ns
CE1 data hold time
tDH1
0
0
ns
CE2 data hold time
tDH2
0
0
ns
WE output enable time
tWOE
5
5
ns
WE output disable time
tWOD
30
30
ns
Write Cycle
Parameter
Conditions
[AC Test Conditions]
Input pulse voltage
VIH = 2.4 V, VIL = 0.6 V
Input rise and fall times
5 ns
Input and output timing level
1.5 V
Output load
LC3564CM and CT-55U/70U: 30 pF + 1 TTL gate (Including the jig capacitance.)


同様の部品番号 - LC3564CT-55U

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC3564B SANYO-LC3564B Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BM SANYO-LC3564BM Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BS SANYO-LC3564BS Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BT SANYO-LC3564BT Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BT-10 SANYO-LC3564BT-10 Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
More results

同様の説明 - LC3564CT-55U

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC3564B SANYO-LC3564B Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC35256D-10 SANYO-LC35256D-10 Datasheet
108Kb / 8P
   Dual Control Pins: OE and CE 256K (32768-word X 8-bit) SRAM
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
LC3564RM SANYO-LC3564RM Datasheet
442Kb / 10P
   64K (8192 words x 8 bits) SRAM
LC35W256EM SANYO-LC35W256EM Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35V256EM SANYO-LC35V256EM Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
   256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
   256K (32768 words 8 bits) SRAM Control Pins: OE and CE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com