データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS20-22MOF1 データシート(PDF) 1 Page - IXYS Corporation

部品番号 CS20-22MOF1
部品情報  High Voltage Phase Control Thyristorin High Voltage ISOPLUS i4-PAC-TM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IXYS [IXYS Corporation]
ホームページ  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS20-22MOF1 データシート(HTML) 1 Page - IXYS Corporation

  CS20-22MOF1 Datasheet HTML 1Page - IXYS Corporation CS20-22MOF1 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
IXYS reserves the right to change limits, test conditions and dimensions.
V
DRM = VRRM = 2200 V
I
T(AV)
= 18 A
I
TSM
= 200 A
High Voltage
Phase Control
Thyristor
in High Voltage
ISOPLUS i4-PACTM
1
5
Advanced Technical Information
CS 20-22moF1
Features
• high voltage thyristor
- for line frequency
- chip technology for long term
stability
• ISOPLUS i4-PACTM
high voltage package
- isolated back surface
- enlarged creepage towards heatsink
- enlarged creepage between high
voltage pins
- application friendly pinout
- high reliability
- industry standard outline
Applications
• controlled rectifiers
- power supplies
- drives
• AC switches
• capacitor discharge control
- flash tubes
- x ray and laser generators
Thyristors
Symbol
Conditions
Maximum Ratings
V
DRM, VRRM
2200
V
I
T(AV)
sine 180°; T
C = 90°C
18
A
I
T(AV)
square; d = 1/
3; TC = 90°C
16
A
I
TSM
sine 180°; t = 10 ms; V
R = 0 V; TVJ = 25°C
200
A
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 40 A
100
A/µs
f = 50 Hz, t
P = 200 µs
V
D =
2/
3 VDRM
I
G = 0.45 A
non repetitive, I
T = 20 A
250
A/µs
di
G/dt = 0.45 A/µs
(dv/dt)
cr
T
VJ = TVJM;VDR =
2/
3 VDRM
2500
V/µs
R
GK =
¥; method 1 (linear voltage rise)
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
V
T
I
T
= 20 A; T
VJ = 25
°C1.3
1.5
V
T
VJ =125
°C1.3
V
V
GT
V
D = 6 V
2.3
V
I
GT
250 mA
V
GD
T
VJ = TVJM; VD =
2/
3 VDRM
0.2
V
I
GD
5mA
I
L
t
P = 10
ms; V
D = 6 V
500 mA
I
G = 0.45 A; diG/dt = 0.45 A/µs
I
H
V
D = 6 V; RGK =
¥
150 mA
t
gd
V
D = ½ VDRM
2µs
I
G = 0.45 A; diG/dt = 0.45 A/µs
I
R, ID
V
R = VRRM; VD = VDRM;TVJ = 25
°C50 µA
T
VJ = 125
°C2
mA
R
thJC
DC current
0.92 K/W
V
RSM
V
RRM
Type
V
DSM
V
DRM
VV
2100
2000
CS 20-22moF1


同様の部品番号 - CS20-22MOF1

メーカー部品番号データシート部品情報
logo
IXYS Corporation
CS20-25MO1F IXYS-CS20-25MO1F Datasheet
109Kb / 2P
   High Voltage Phase Control Thyristor in High Voltage ISOPLUS i4-PAC
CS20-25MOT1 IXYS-CS20-25MOT1 Datasheet
224Kb / 2P
   High Voltage Phase Control Thyristor
More results

同様の説明 - CS20-22MOF1

メーカー部品番号データシート部品情報
logo
IXYS Corporation
CS20-25MO1F IXYS-CS20-25MO1F Datasheet
109Kb / 2P
   High Voltage Phase Control Thyristor in High Voltage ISOPLUS i4-PAC
FBO40-12N IXYS-FBO40-12N Datasheet
35Kb / 2P
   Single Phase Rectifier Bridgein ISOPLUS i4-PAC-TM
FBO16-12N IXYS-FBO16-12N Datasheet
56Kb / 2P
   Single Phase Rectifier Bridge in ISOPLUS i4-PAC
L532 IXYS-L532 Datasheet
47Kb / 2P
   IGBT phaseleg in ISOPLUS i4-PAC
FID60-06D IXYS-FID60-06D Datasheet
49Kb / 2P
   IGBT Boost Chopper in ISOPLUS i4-PAC
IXFF24N100 IXYS-IXFF24N100 Datasheet
72Kb / 2P
   HiPerFETTM Power Mosfet in High Voltage ISOPLUS I4-PACTM
FMM150-0075P IXYS-FMM150-0075P Datasheet
45Kb / 2P
   Trench Power MOSFET Phaseleg Topology in ISOPLUS i4-PAC
FBS10-06SC IXYS-FBS10-06SC Datasheet
32Kb / 2P
   Silicon Carbide Schottky Rectifier Bridge in ISOPLUS i4-PAC
IXKF40N60SCD1 IXYS-IXKF40N60SCD1 Datasheet
34Kb / 2P
   CoolMOS Power MOSFET with Series Schottky Diode and Ultra Fast Antiparallel Diode in High Voltage ISOPLUS i4-PAC
FMD40-06KC IXYS-FMD40-06KC Datasheet
50Kb / 2P
   HiPerFET Power MOSFETs -Boost Chopper Topology in ISOPLUS i4-PAC
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com