データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC141556P データシート(PDF) 9 Page - Freescale Semiconductor, Inc

部品番号 MC141556P
部品情報  USB Hub Controller CMOS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC141556P データシート(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC141556P Datasheet HTML 5Page - Freescale Semiconductor, Inc MC141556P Datasheet HTML 6Page - Freescale Semiconductor, Inc MC141556P Datasheet HTML 7Page - Freescale Semiconductor, Inc MC141556P Datasheet HTML 8Page - Freescale Semiconductor, Inc MC141556P Datasheet HTML 9Page - Freescale Semiconductor, Inc MC141556P Datasheet HTML 10Page - Freescale Semiconductor, Inc MC141556P Datasheet HTML 11Page - Freescale Semiconductor, Inc MC141556P Datasheet HTML 12Page - Freescale Semiconductor, Inc MC141556P Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
MC141556
9
MOTOROLA
The Hub Controller supports the following standard USB descriptors and one Hub specific descriptor.
Table3. Device Descriptor
Table 4. Configuration Descriptor
Offset
Field
Size
Value
Description
0
bLength
1
12h
No. of bytes in this descriptor = 18
1
bDescriptorType
1
01h
Device descriptor type
2
bcdUSB
2
0100h
USB Spec. Release Number = Rev 1.00
4
bDeviceClass
1
09h
Class code
5
bDeviceSubClass
1
00h
Subclass code
6
bDeviceProtocol
1
00h
Protocol code
7
wMaxPacketSize0
1
08h
Max. packet size for Endpoint 0 = 8
8
idVendor
2
1063h
Vendor ID = Motorola Corporation (assigned by USB)
10
idProduct
2
1556h
Product ID = MC141556
12
bcdDevice
2
0100h
Device Release No. = 1.00
14
iManufacturer
1
00h
Manufacturer string descriptor = Open
15
iProduct
1
00h
Product string descriptor = Open
16
iSerialNumber
1
00h
Serial Number string = Open
17
bNumConfigurations
1
01h
No. of possible configurations = 1
Offset
Field
Size
Value
Description
0
bLength
1
09h
No. of bytes in this descriptor = 9
1
bDescriptorType
1
02h
Configuration descriptor type
2
wTotalLength
2
0019h
Total length of data returned for this configuration. Includes con-
figuration, interface, endpoint, and class specific descriptors
4
bNumInterfaces
1
01h
No. of interfaces supported in this configuration = 1
5
bConfigurationValue
1
01h
Value to use as an argument to select this configuration =1
6
iConfiguration
1
00h
Index of string descriptor describing this configuration
7
bmAttributes
1
60h/A0h
Configuration characteristics
60h: SelfPowered, RemoteWakeup
A0h: BusPowered, RemoteWakeup
8
MaxPower
1
01/FAh
Maximum power consumption of USB device from the bus:
01h: 2mA when self-powered
FAh: 500mA when bus-powered
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


同様の部品番号 - MC141556P

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC141555 MOTOROLA-MC141555 Datasheet
280Kb / 16P
   USB Hub Controller CMOS
MC141555P1 MOTOROLA-MC141555P1 Datasheet
280Kb / 16P
   USB Hub Controller CMOS
More results

同様の説明 - MC141556P

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC141555 MOTOROLA-MC141555 Datasheet
280Kb / 16P
   USB Hub Controller CMOS
logo
Winbond
W81181D WINBOND-W81181D Datasheet
211Kb / 18P
   USB HUB CONTROLLER
logo
ATMEL Corporation
AT43301 ATMEL-AT43301 Datasheet
16Kb / 2P
   USB HUB CONTROLLER
logo
List of Unclassifed Man...
AU9254A21 ETC-AU9254A21 Datasheet
202Kb / 32P
   USB Hub Controller
AU9254 ETC2-AU9254_05 Datasheet
481Kb / 23P
   USB Hub Controller
logo
ELAN Microelectronics C...
EM77F900 EMC-EM77F900 Datasheet
1Mb / 136P
   USB HUBBB Controller
logo
VIA Labs, Inc
VL812 VIALABS-VL812 Datasheet
1Mb / 18P
   USB 3.0 Hub Controller
logo
NEC
UPD720113 NEC-UPD720113 Datasheet
362Kb / 32P
   USB 2.0 HUB CONTROLLER
logo
List of Unclassifed Man...
AU9462 ETC-AU9462 Datasheet
150Kb / 31P
   USB Keyboard Hub Controller
AU9462 ETC1-AU9462_06 Datasheet
607Kb / 23P
   USB Keyboard Hub Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com