データシートサーチシステム |
|
DM74LS353N データシート(PDF) 1 Page - National Semiconductor (TI) |
|
|
DM74LS353N データシート(HTML) 1 Page - National Semiconductor (TI) |
1 / 6 page TLF10185 February 1992 DM74LS353 Dual 4-Input Multiplexer with TRI-STATE Outputs General Description The ’353 is a dual 4-input multiplexer with TRI-STATE out- puts It can select two bits of data from four sources using common select inputs The outputs may be individually switched to a high impedance state with a HIGH on the respective Output (OE) inputs allowing the outputs to inter- face directly with bus oriented systems It is fabricated with the Schottky barrier diode process for high speed and is completely compatible with all National TTL families Features Y Inverted version of ’LS253 Y Schottky process for high speed Y Multifunction capability Connection Diagram Dual-In-Line Package TLF10185 – 1 Order Number DM74LS353M or DM74LS353N See NS Package Number M16A or N16E Logic Symbol TLF10185 – 2 VCC e Pin 16 GND e Pin 8 Pin Names Description I0a – I3a Side A Data Inputs I0b – I3b Side B Data Inputs S0 S1 Common Select Inputs OEa Side A Output Enable Input (Active Low) OEb Side B Output Enable Input (Active Low) Za Zb TRI-STATE Outputs (Inverted) TRI-STATE is a registered trademark of National Semiconductor Corporation C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
同様の部品番号 - DM74LS353N |
|
同様の説明 - DM74LS353N |