データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4837DY データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SI4837DY
部品情報  P-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4837DY データシート(HTML) 1 Page - Vishay Siliconix

  SI4837DY Datasheet HTML 1Page - Vishay Siliconix SI4837DY Datasheet HTML 2Page - Vishay Siliconix SI4837DY Datasheet HTML 3Page - Vishay Siliconix SI4837DY Datasheet HTML 4Page - Vishay Siliconix SI4837DY Datasheet HTML 5Page - Vishay Siliconix SI4837DY Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
D TrenchFETr Power MOSFET
D LITTLE FOOT Plust Schottky
APPLICATIONS
D Battery Charging
D DC/DC Converters
– Asynchronous Buck
– Voltage Inverter
Si4837DY
Vishay Siliconix
New Product
Document Number: 71662
S-04246—Rev. A, 16-Jul-01
www.vishay.com
1
P-Channel 30-V (D-S) MOSFET with Schottky Diode
MOSFET PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
0.020 @ VGS = –10 V
8.3
–30
0.030 @ VGS = –4.5 V
6.8
SCHOTTKY PRODUCT SUMMARY
VKA (V)
Vf (V)
Diode Forward Voltage
IF (A)
30
0.53 V @ 3 A
3
K
A
S
G
D
P-Channel MOSFET
KA
S
D
SD
G
D
SO-8
5
6
7
8
Top View
2
3
4
1
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 Sec
Steady State
Unit
Drain-Source Voltage (MOSFET)
VDS
–30
Reverse Voltage (Schottky)
VKA
30
V
Gate-Source Voltage (MOSFET)
VGS
"20
V
_
a, b
TA = 25_C
–8.3
–6.1
Continuous Drain Current (TJ = 150_C) (MOSFET)a, b
TA = 70_C
ID
–6.6
–4.9
Pulsed Drain Current (MOSFET)
IDM
–40
Continuous Source Current (MOSFET Diode Conduction)a, b
IS
–2.3
–1.25
A
Average Foward Current (Schottky)
IF
3
Pulsed Foward Current (Schottky)
IFM
20
TA = 25_C
2.5
1.38
Maximum Power Dissipation (MOSFET)a, b
TA = 70_C
1.6
0.88
TA = 25_C
PD
1.5
1.0
W
Maximum Power Dissipation (Schottky)a, b
TA = 70_C
0.98
0.64
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
Notes
a.
Surface Mounted on FR4 Board.
b.
t
v 10 sec.


同様の部品番号 - SI4837DY

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI4830 SILABS-SI4830 Datasheet
1Mb / 3P
   Broadcast Mechanical Tuning AM/FM Radio Receiver
logo
Vishay Siliconix
SI4830ADY VISHAY-SI4830ADY Datasheet
72Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 29-Dec-03
SI4830ADY VISHAY-SI4830ADY Datasheet
123Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
SI4830ADY-T1-E3 VISHAY-SI4830ADY-T1-E3 Datasheet
262Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. G, 18-May-09
SI4830CDY VISHAY-SI4830CDY Datasheet
279Kb / 15P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 12-Oct-09
More results

同様の説明 - SI4837DY

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI4833BDY VISHAY-SI4833BDY Datasheet
206Kb / 11P
   P-Channel 30 V (D-S) MOSFET with Schottky Diode
Rev. B, 15-Aug-11
SI3851DV VISHAY-SI3851DV Datasheet
72Kb / 6P
   P-Channel 30-V (D-S) MOSFET With Schottky Diode
Rev. A, 11-Oct-99
71061 VISHAY-71061 Datasheet
70Kb / 6P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 10-Oct-99
SI4833DY VISHAY-SI4833DY Datasheet
63Kb / 5P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 02-Nov-98
logo
DinTek Semiconductor Co...
DTM4483S DINTEK-DTM4483S Datasheet
2Mb / 11P
   P-Channel 30 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SIA817EDJ VISHAY-SIA817EDJ Datasheet
329Kb / 11P
   P-Channel 30 V (D-S) MOSFET with Schottky Diode
Rev. A, 28-Jan-13
SI4831BDY VISHAY-SI4831BDY Datasheet
114Kb / 9P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 09-Mar-09
SI4833ADY VISHAY-SI4833ADY Datasheet
178Kb / 11P
   P-Channel 30 V (D-S) MOSFET with Schottky Diode
Rev. D, 08-Nov-10
SI4833DY VISHAY-SI4833DY_07 Datasheet
120Kb / 7P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 02-Nov-98
logo
Analog Power
AM3837P ANALOGPOWER-AM3837P Datasheet
219Kb / 5P
   P-Channel 30-V (D-S) MOSFET With Schottky Diode
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com