データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC9496AF データシート(PDF) 6 Page - Toshiba Semiconductor

部品番号 TC9496AF
部品情報  1 Chip Audio Digital Signal Processor
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9496AF データシート(HTML) 6 Page - Toshiba Semiconductor

Back Button TC9496AF Datasheet HTML 2Page - Toshiba Semiconductor TC9496AF Datasheet HTML 3Page - Toshiba Semiconductor TC9496AF Datasheet HTML 4Page - Toshiba Semiconductor TC9496AF Datasheet HTML 5Page - Toshiba Semiconductor TC9496AF Datasheet HTML 6Page - Toshiba Semiconductor TC9496AF Datasheet HTML 7Page - Toshiba Semiconductor TC9496AF Datasheet HTML 8Page - Toshiba Semiconductor TC9496AF Datasheet HTML 9Page - Toshiba Semiconductor TC9496AF Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
TC9496AF
2002-01-11
6
Operation
1.
Pin Operation
Pin No.
Symbol
Function
1
XI
2
XO
Connect the crystal oscillator.
3 to 30
Omitted
¾
31
NC
Non-connecting. Select the open state, VDD connecting or GND connecting.
32 to 36
TP0 to TP4
Test pin. (leave open)
37
NC
Non-connecting. Select the open state, VDD connecting or GND connecting.
38
VDDR
Power pin for delay RAM
39
GNDR
Ground pin for delay RAM
40 to 47
TP5 to
TP12
Test pin (leave open)
48
FS
Clock out pin (sampling frequency)
49
50
CKO0
CKO1
Timing output pins. The output frequency is set from the microcontroller (command-40h)
Command
(set the command-40h)
Command
(set the command-40h)
CKOS02
CKOS01
CKOS00
CKO0
Output
Frequency
CKOS12
CKOS11
CKOS10
CKO1
Output
Frequency
0
0
0
Fixed to L
0
0
0
Fixed to L
0
0
1
fs
´ 2
0
0
1
fs
´ 2
0
1
0
fs
´ 4
0
1
0
fs
´ 4
0
1
1
fs
´ 8
0
1
1
fs
´ 8
1
0
0
fs
´ 16
1
0
0
fs
´ 16
1
0
1
fs
´ 32
1
0
1
fs
´ 32
1
1
0
fs
´ 64
1
1
0
fs
´ 64
1
1
1
fs
´ 128
1
1
1
XI
´ 1/2
51
GND
Ground pin
52
TP13
Test pin (leave open)
53
MCK
Master clock output pin. Validated/Invalidated of an output, and the frequency is switched from in the of
microcontroller command (command-4Dh) and STEP1 pin (59 pin).
Command
(set the command-4Dh)
Pin
MCKE
MCKS
STEP1
MCK Output
0
(Note 1)
(Note 1)
Fixed to L
1
0
(Note 1)
fs
´ 256
1
1
0
Source
oscillation (XI)
1
1
1
Prohibited
Note 1: Don’t care
54
VDD
Power pin
55
56
TP14
TP15
Test pin (leave open)


同様の部品番号 - TC9496AF

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC9490F TOSHIBA-TC9490F Datasheet
177Kb / 15P
   Digital Servo Single-Chip Processor for Use in CD Player
TC9490FA TOSHIBA-TC9490FA Datasheet
177Kb / 15P
   Digital Servo Single-Chip Processor for Use in CD Player
logo
TelCom Semiconductor, I...
TC9491A TELCOM-TC9491A Datasheet
45Kb / 3P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
TC9491ACOA TELCOM-TC9491ACOA Datasheet
45Kb / 3P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
TC9491ACZM TELCOM-TC9491ACZM Datasheet
45Kb / 3P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
More results

同様の説明 - TC9496AF

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC94A04AFD TOSHIBA-TC94A04AFD Datasheet
565Kb / 42P
   1 CHIP AUDIO DIGITAL PROCESSOR
TC94A04AFG TOSHIBA-TC94A04AFG Datasheet
702Kb / 42P
   1 chip Audio Digital Processor
TC94A48FG TOSHIBA-TC94A48FG Datasheet
628Kb / 36P
   Single-chip Audio Digital Signal Processor
TC9447F TOSHIBA-TC9447F Datasheet
635Kb / 44P
   Single-Chip Audio Digital Signal Processor
TC9337F TOSHIBA-TC9337F Datasheet
1Mb / 31P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Sanyo Semicon Device
LC83010N SANYO-LC83010N Datasheet
446Kb / 20P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Toshiba Semiconductor
TC9331F TOSHIBA-TC9331F Datasheet
1Mb / 33P
   AUDIO DIGITAL SIGNAL PROCESSOR
TC9332F TOSHIBA-TC9332F Datasheet
1Mb / 28P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Motorola, Inc
DSP56364 MOTOROLA-DSP56364 Datasheet
2Mb / 162P
   24-Bit Audio Digital Signal Processor
logo
Freescale Semiconductor...
DSP56362 FREESCALE-DSP56362 Datasheet
2Mb / 152P
   24-Bit Audio Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com