データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF7904PBF データシート(PDF) 2 Page - International Rectifier

部品番号 IRF7904PBF
部品情報  Dual SO-8 MOSFET for POL Converters in Notebook Computers, Servers, Graphics Cards, Game Consoles and Set-Top Box
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF7904PBF データシート(HTML) 2 Page - International Rectifier

  IRF7904PBF Datasheet HTML 1Page - International Rectifier IRF7904PBF Datasheet HTML 2Page - International Rectifier IRF7904PBF Datasheet HTML 3Page - International Rectifier IRF7904PBF Datasheet HTML 4Page - International Rectifier IRF7904PBF Datasheet HTML 5Page - International Rectifier IRF7904PBF Datasheet HTML 6Page - International Rectifier IRF7904PBF Datasheet HTML 7Page - International Rectifier IRF7904PBF Datasheet HTML 8Page - International Rectifier IRF7904PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF7904PbF
2
www.irf.com
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
BVDSS
Drain-to-Source Breakdown Voltage
Q1&Q2
30
–––
–––
V
∆ΒV
DSS/
∆T
J
Breakdown Voltage Temp. Coefficient
Q1
–––
0.024
–––
V/°C
Q2
–––
0.024
–––
Q1
–––
11.4
16.2
RDS(on)
Static Drain-to-Source On-Resistance
–––
14.5
20.5
m
Q2
–––
8.6
10.8
–––
10
13
VGS(th)
Gate Threshold Voltage
Q1&Q2
1.35
–––
2.25
V
∆V
GS(th)/∆TJ
Gate Threshold Voltage Coefficient
Q1
–––
-5.0
–––
mV/°C
Q2
–––
-5.0
–––
IDSS
Drain-to-Source Leakage Current
Q1&Q2
–––
–––
1.0
µA
Q1&Q2
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
Q1&Q2
–––
–––
100
nA
Gate-to-Source Reverse Leakage
Q1&Q2
–––
–––
-100
gfs
Forward Transconductance
Q1
17
–––
–––
S
Q2
23
–––
–––
Qg
Total Gate Charge
Q1
–––
7.5
11
Q2
–––
14
21
Qgs1
Pre-Vth Gate-to-Source Charge
Q1
–––
2.2
–––
Q1
Q2
–––
3.7
–––
VDS = 15V
Qgs2
Post-Vth Gate-to-Source Charge
Q1
–––
0.6
–––
nC
VGS = 4.5V, ID = 6.1A
Q2
–––
1.1
–––
Qgd
Gate-to-Drain Charge
Q1
–––
2.5
–––
Q2
Q2
–––
4.8
–––
VDS = 15V
Qgodr
Gate Charge Overdrive
Q1
–––
2.2
–––
VGS = 4.5V, ID = 8.8A
Q2
–––
4.4
–––
Qsw
Switch Charge (Qgs2 + Qgd)
Q1
–––
3.1
–––
Q2
–––
5.9
–––
Qoss
Output Charge
Q1
–––
4.5
–––
nC
Q2
–––
9.1
–––
RG
Gate Resistance
Q1
–––
3.2
4.8
Q2
–––
2.9
4.4
td(on)
Turn-On Delay Time
Q1
–––
6.9
–––
Q2
–––
7.8
–––
tr
Rise Time
Q1
–––
7.3
–––
ID = 6.1A
Q2
–––
10
–––
ns
td(off)
Turn-Off Delay Time
Q1
–––
10
–––
Q2
–––
15
–––
tf
Fall Time
Q1
–––
3.2
–––
ID = 8.8A
Q2
–––
4.6
–––
Ciss
Input Capacitance
Q1
–––
910
–––
Q2
–––
1780
–––
Coss
Output Capacitance
Q1
–––
190
–––
pF
Q2
–––
390
–––
Crss
Reverse Transfer Capacitance
Q1
–––
94
–––
Q2
–––
180
–––
Avalanche Characteristics
Parameter
Q1 Max.
Q2 Max.
Units
EAS
Single Pulse Avalanche Energy
d
140
250
mJ
IAR
Avalanche Current
™
6.1
8.8
A
Diode Characteristics
Parameter
Min.
Typ.
Max.
Units
IS
Continuous Source Current
Q1
–––
–––
1.8
A
(Body Diode)
Q2
–––
–––
2.5
ISM
Pulsed Source Current
Q1
–––
–––
61
A
(Body Diode)
Ù
Q2
–––
–––
88
VSD
Diode Forward Voltage
Q1
–––
–––
1.0
V
Q2
–––
–––
1.0
trr
Reverse Recovery Time
Q1
–––
11
17
ns
Q2
–––
16
24
Qrr
Reverse Recovery Charge
Q1
–––
2.6
3.9
nC
Q2
–––
6.9
10
VGS = 4.5V, ID = 6.1A
e
VGS = 4.5V, ID = 8.8A
e
VDS = 15V, ID = 8.8A
VDD = 15V, VGS = 4.5V
VGS = 10V, ID = 11A
e
Q1: VDS = VGS, ID = 25µA
VDS = 15V, ID = 6.1A
VDS = 24V, VGS = 0V, TJ = 125°C
VDD = 15V, VGS = 4.5V
–––
VDS = 15V
Clamped Inductive Load
VGS = 0V
ƒ = 1.0MHz
Typ.
–––
Q1 TJ = 25°C, IF = 6.1A,
VDD = 15V, di/dt = 100A/µs
e
TJ = 25°C, IS = 6.1A, VGS = 0V
e
showing the
integral reverse
p-n junction diode.
TJ = 25°C, IS = 8.8A, VGS = 0V
e
Q2 TJ = 25°C, IF = 8.8A,
VDD = 15V, di/dt = 100A/µs
e
MOSFET symbol
Q2: VDS = VGS, ID = 50µA
VDS = 16V, VGS = 0V
Q1
VGS = 20V
VGS = -20V
VDS = 24V, VGS = 0V
Conditions
Q2
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 7.6A
e


同様の部品番号 - IRF7904PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7904PBF IRF-IRF7904PBF Datasheet
261Kb / 10P
   Improved Body Diode Reverse Recovery
IRF7904PBF-1 IRF-IRF7904PBF-1 Datasheet
313Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7904PBF-1 IRF-IRF7904PBF-1_15 Datasheet
313Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7904PBF IRF-IRF7904PBF_15 Datasheet
261Kb / 10P
   Improved Body Diode Reverse Recovery
More results

同様の説明 - IRF7904PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF8910PBF IRF-IRF8910PBF_08 Datasheet
290Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
IRF9910 IRF-IRF9910 Datasheet
279Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
IRF8910GTRPBF IRF-IRF8910GTRPBF Datasheet
290Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
IRF7905PBF IRF-IRF7905PBF_08 Datasheet
328Kb / 10P
   Dual SO-8 MOSFET for POL Converters in Notebook Computers
IRF8915TRPBF IRF-IRF8915TRPBF Datasheet
291Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop
logo
Maxim Integrated Produc...
MAX8775 MAXIM-MAX8775 Datasheet
1Mb / 30P
   Dual and Combinable Graphics Core Controller for Notebook Computers
Rev 0; 11/06
MAX17007A MAXIM-MAX17007A Datasheet
708Kb / 36P
   Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Rev 2; 10/08
logo
International Rectifier
IRF7905TRPBF IRF-IRF7905TRPBF Datasheet
328Kb / 10P
   Dual SO-8 MOSFET for POL
logo
Maxim Integrated Produc...
MAX17007A MAXIM-MAX17007A_10 Datasheet
943Kb / 36P
   Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Rev 3; 9/10
MAX17007 MAXIM-MAX17007 Datasheet
579Kb / 35P
   Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Rev 0; 2/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com