データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS12T3G データシート(PDF) 1 Page - ON Semiconductor

部品番号 SS12T3G
部品情報  Surface Mount Schottky Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS12T3G データシート(HTML) 1 Page - ON Semiconductor

  SS12T3G Datasheet HTML 1Page - ON Semiconductor SS12T3G Datasheet HTML 2Page - ON Semiconductor SS12T3G Datasheet HTML 3Page - ON Semiconductor SS12T3G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
July, 2005 − Rev. 3
1
Publication Order Number:
SS12/D
SS12, SS14
Surface Mount
Schottky Power Rectifier
SMA Power Surface Mount Package
These devices employ the Schottky Barrier principle in a large area
metal−to−silicon power diode. State of the art geometry features
epitaxial construction with oxide passivation and metal overlay
contact. Ideally suited for low voltage, high frequency rectification, or
as free wheeling and polarity diodes in surface mount applications
where compact size and weight are critical to the system.
Features
Small Compact Surface Mountable Package with J−Bent Leads
Rectangular Package for Automated Handling
Highly Stable Oxide Passivated Junction
Guardring for Stress Protection
Pb−Free Packages are Available
Mechanical Characteristics
Case: Epoxy, Molded
Epoxy Meets UL 94 V−0 @ 0.125 in
Weight: 70 mg (approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Shipped in 12 mm tape, 5000 units per 13 inch reel
Polarity: Cathode Lead Indicated by Polarity Band
Device Meets MSL 1 Requirements
ESD Ratings: Human Body Model, 3B (> 8000 V)
Machine Model, B (> 200 V)
Device
Package
Shipping
ORDERING INFORMATION
SS12T3
SMA
5000/Tape & Reel
SCHOTTKY BARRIER
RECTIFIER
1.0 AMPERES
20, 40 VOLTS
MARKING DIAGRAM
SMA
CASE 403D
PLASTIC
http://onsemi.com
SS14T3
SMA
5000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SS1x
= Specific Device Code
x
= 2 or 4
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
SS1x
AYWW
G
SS12T3G
SMA
(Pb−Free)
5000/Tape & Reel
SS14T3G
SMA
(Pb−Free)
5000/Tape & Reel


同様の部品番号 - SS12T3G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
SS12T3G ONSEMI-SS12T3G Datasheet
64Kb / 4P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
More results

同様の説明 - SS12T3G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com