データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS72108ATP-7 データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 GS72108ATP-7
部品情報  256K x 8 2Mb Asynchronous SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

GS72108ATP-7 データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  GS72108ATP-7 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS72108ATP-7 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS72108ATP-7 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS72108ATP-7 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS72108ATP-7 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS72108ATP-7 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS72108ATP-7 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS72108ATP-7 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS72108ATP-7 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
GS72108ATP/J
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.05 10/2004
5/12
© 2001, GSI Technology
AC Test Conditions
Power Supply Currents
Parameter Symbol
Test Conditions
0 to 70°C
–40 to 85°C
7 ns
8 ns
10 ns 12 ns
7 ns
8 ns
10 ns
12 ns
Operating
Supply
Current
IDD (max)
CE
≤ VIL
All other inputs
≥ VIH or ≤ VIL
Min. cycle time
IOUT = 0 mA
135 mA 115 mA
95 mA
80 mA
140 mA
120 mA
100 mA
85 mA
Standby
Current
ISB1 (max)
CE
≥ VIH
All other inputs
≥ VIH or ≤VIL
Min. cycle time
25 mA
20 mA
20 mA
15 mA
30 mA
25 mA
25 mA
20 mA
Standby
Current
ISB2 (max)
CE
≥ VDD - 0.2 V
All other inputs
≥ VDD – 0.2 V or
≤ 0.2 V
5 mA
10 mA
DQ
VT = 1.4 V
50
30pF1
DQ
3.3 V
Output Load 1
Output Load 2
589
434
5pF1
Notes:
1. Include scope and jig capacitance.
2. Test conditions as specified with output loading as shown in Fig. 1
unless otherwise noted.
3. Output load 2 for tLZ, tHZ, tOLZ and tOHZ
Parameter
Conditions
Input high level
VIH = 2.4 V
Input low level
VIL = 0.4 V
Input rise time
tr = 1 V/ns
Input fall time
tf = 1 V/ns
Input reference level
1.4 V
Output reference level
1.4 V
Output load
Fig. 1& 2


同様の部品番号 - GS72108ATP-7

メーカー部品番号データシート部品情報
logo
GSI Technology
GS72108J-10 GSI-GS72108J-10 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108J-10I GSI-GS72108J-10I Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108J-12 GSI-GS72108J-12 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108J-12I GSI-GS72108J-12I Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108J-15 GSI-GS72108J-15 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
More results

同様の説明 - GS72108ATP-7

メーカー部品番号データシート部品情報
logo
GSI Technology
GS72108TP-10 GSI-GS72108TP-10 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N02L083WC2A NANOAMP-N02L083WC2A Datasheet
223Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K x 8 bit
logo
GSI Technology
GS72116TP GSI-GS72116TP Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
GS72116ATP GSI-GS72116ATP Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS78132B GSI-GS78132B Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS76024AB GSI-GS76024AB Datasheet
631Kb / 12P
   256K x 24 6Mb Asynchronous SRAM
GS76024B GSI-GS76024B Datasheet
220Kb / 11P
   256K x 24 6Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com