データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMB15J データシート(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

部品番号 SMB15J
部品情報  1500W Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
ホームページ  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMB15J データシート(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMB15J Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMB15J Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMB15J Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SMB15J Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Reverse
Stand-off
Test
Current
Max. Clamping
Voltage @ IPP
Max. Peak
Pulse
Max. Reverse
Leakage @ VRWM
Part Number
Breakdown
Voltage
V @I
Voltage
g@ PP
Current
g@ RWM
VRWM(V)
Min.(V)
Max.(V)
IT(mA)
VC MAX.(V)
IPP(A)
IR(uA)
SMB15J8 0A
SMB15J8 0CA
80
889
983
1
13 6
110 3
50
VBR @ IT
SMB15J8.0A
SMB15J8.0CA
8.0
8.89
9.83
1
13.6
110.3
50
10.0
11.10
12.30
1
17.0
88.3
5
11.0
12.20
13.50
1
18.2
82.5
1
12.0
13.30
14.70
1
19.9
75.4
1
13.0
14.40
15.90
1
21.5
69.8
1
14.0
15.60
17.20
1
23.2
64.7
1
15.0
16.70
18.50
1
24.4
61.5
1
16.0
17.80
19.70
1
26.0
57.7
1
17.0
18.90
20.90
1
27.6
54.4
1
18.0
20.00
22.10
1
29.2
51.4
1
20.0
22.20
24.50
1
32.4
46.3
1
22.0
24.40
26.90
1
35.5
42.3
1
24.0
26.70
29.50
1
38.9
38.6
1
SMB15J26A
SMB15J26CA
26 0
28 90
31 90
1
42 1
35 7
1
SMB15J26A
SMB15J26CA
26.0
28.90
31.90
1
42.1
35.7
1
28.0
31.10
34.40
1
45.4
33.1
1
30.0
33.50
36.80
1
48.4
31.0
1
33.0
36.70
40.60
1
53.3
28.2
1
36.0
40.00
44.20
1
58.1
25.9
1
40.0
44.40
49.10
1
64.5
23.3
1
43.0
47.80
52.80
1
69.4
21.7
1
45.0
50.00
55.30
1
72.7
20.6
1
48.0
53.30
58.90
1
77.4
19.4
1
51.0
56.70
62.70
1
82.4
18.2
1
54.0
60.00
66.30
1
87.1
17.3
1
58.0
64.40
71.20
1
93.6
16.1
1
60.0
66.70
73.70
1
96.8
15.5
1
64.0
71.10
78.60
1
103.0
14.6
1
70.0
77.80
86.00
1
113.0
13.3
1
SMB15J75A
SMB15J75CA
75 0
83 30
92 10
1
121 0
12 4
1
SMB15J75A
SMB15J75CA
75.0
83.30
92.10
1
121.0
12.4
1
78.0
86.70
95.80
1
126.0
11.9
1
SMB 15J Series 1500W Transient Voltage Suppressor
00W Transient Voltage Suppressor
5.0
6.40
7.00
10
9.2
163.0
800
SMB15J6.0A
SMB15J6.0CA
6.0
6.67
7.37
10
10.3
145.7
800
SMB15J6.5A
SMB15J6.5CA
6.5
7.22
7.98
10
11.2
134.0
500
SMB15J5.0A SMB15J5.0CA
SMB15J7.0A
SMB15J7.0CA
7.0
7.78
8.60
10
12.0
125.0
200
SMB15J7.5A
SMB15J7.5CA
7.5
8.33
9.21
1
12.9
116.3
100
8.5
9.44
10.40
1
14.4
104.2
20
SMB15J8.5A
SMB15J8.5CA
SMB15J9.0A
SMB15J9.0CA
9.0
10.00
11.10
1
15.4
97.4
10
SMB15J10A
SMB15J10CA
SMB15J11A
SMB15J11CA
SMB15J12A
SMB15J12CA
SMB15J13A
SMB15J13CA
SMB15J14A
SMB15J14CA
SMB15J15A
SMB15J15CA
SMB15J18A
SMB15J18CA
SMB15J20A
SMB15J20CA
SMB15J22A
SMB15J22CA
SMB15J24A
SMB15J24CA
SMB15J16A
SMB15J16CA
SMB15J17A
SMB15J17CA
SMB15J28A
SMB15J28CA
SMB15J30A
SMB15J30CA
SMB15J33A
SMB15J33CA
SMB15J36A
SMB15J36CA
SMB15J40A
SMB15J40CA
SMB15J43A
SMB15J43CA
SMB15J45A
SMB15J45CA
SMB15J48A
SMB15J48CA
SMB15J51A
SMB15J51CA
SMB15J54A
SMB15J54CA
SMB15J58A
SMB15J58CA
SMB15J60A
SMB15J60CA
SMB15J64A
SMB15J64CA
SMB15J70A
SMB15J70CA
SMB15J78A
SMB15J78CA
85.0
94.4
104.0
1
137.0
11.0
1
SMB15J85A
SMB15J85CA
SMB15J90A
SMB15J90CA
90.0
100.0
111.0
1
146.0
10.3
1
SMB15J100A SMB15J100CA
100.0
111.0
123.0
1
162.0
9.3
1
SMB15J110A SMB15J110C
110.0
122.0
135.0
1
177.0
8.5
1
SMB15J120A SMB15J120CA
120.0
133.0
147.0
1
193.0
7.8
1
SMB15J130A SMB15J130CA
130.0
144.0
159.0
1
209.0
7.2
1
A
150.0
167.0
185.0
1
243.0
6.2
1
SMB15J150A SMB15J150CA
SMB15J160A SMB15J160CA
160.0
178.0
197.0
1
259.0
5.8
1
SMB15J170A SMB15J170CA
170.0
189.0
209.0
1
275.0
5.5
1
SMB15J180A SMB15J180CA
180.0
201.0
222.0
1
292.0
5.1
1
SMB15J190A
190.0
209.0
243.0
1
308.0
4.8
1
SMB15J200A
200.0
224.0
247.0
1
324.0
4.6
1
SMB15J210A
210.0
231.0
268.0
1
340.0
4.4
1
SMB15J220A
220.0
246.0
272.0
1
356.0
4.2
1
UNI-POLAR
BI-POLAR
Rev 2.0 :
www.leiditech.com
12.01.2019
2/4


同様の部品番号 - SMB15J

メーカー部品番号データシート部品情報
logo
Lite-On Technology Corp...
SMB15 LITEON-SMB15 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB15 MIC-SMB15 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMB15 LUGUANG-SMB15 Datasheet
164Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
logo
Lite-On Technology Corp...
SMB150 LITEON-SMB150 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB150 MIC-SMB150 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

同様の説明 - SMB15J

メーカー部品番号データシート部品情報
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
WeEn Semiconductors
SMCJ WEEN-SMCJ Datasheet
598Kb / 7P
   1500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com