データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMB15J データシート(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

部品番号 SMB15J
部品情報  1500W Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
ホームページ  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMB15J データシート(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMB15J Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMB15J Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMB15J Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SMB15J Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
● Glass passivated chip
● 1500 W peak pulse power capability with a 10/1000
us waveform, repetitive rate (duty cycle):0.01 %
● Excellent clamping capability
● Low reverse leakage
● Very fast response time
● Lead and body according with RoHS standard
Mechanical Data
● Case: DO214AA/(SMB) Molded plastic
Case O
/(S
)
o ded p ast c
● Lead: Solderable per MIL-STD-750, method 2026
● Epoxy: UL 94V-0 rate flame retardant
● Polarity: Color band denotes cathode end except Bipolar
● Mounting position: Any
Maximum Ratings & Characteristics Ratings at 25℃ ambient temperature unless otherwise specified
Maximum Ratings & Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
Unit
W
A
W
Peak pulse current wih a 10/1000 us waveform(1)
IPP
See Next Table
Power dissipation on infinite heatsink at TL = 75 °C
PD
50
Peak power dissipation with a 10/1000 us waveform(1)
PPP
1500
Parameter
Symbols
Value
W
A
V
Note:
Operating junction and storage temperature range
TJ,TSTG
-55 to +150
Peak forward surge current, 8.3 ms single half sinewave
unidirectional only(2)
IFSM
100
Maximum instantaneous forward voltage at 50 A for
unidirectional only(3)
VF
3.5/6.5
Power dissipation on infinite heatsink at TL = 75 C
PD
5.0
1)Non-repetitive current pulse per Fig.5 and derated above TA= 25 °C per Fig.1;
2)Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum;
3)VF<3.5V for devices of VBR<200V and VF<6.5V for devices of VBR>201V。
SMB 15J Series 1500W Transient Voltage Suppressor
00W Transient Voltage Suppressor
Rev 2.0 :
www.leiditech.com
12.01.2019
1/4
SMB
Symbol


同様の部品番号 - SMB15J

メーカー部品番号データシート部品情報
logo
Lite-On Technology Corp...
SMB15 LITEON-SMB15 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB15 MIC-SMB15 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMB15 LUGUANG-SMB15 Datasheet
164Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
logo
Lite-On Technology Corp...
SMB150 LITEON-SMB150 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB150 MIC-SMB150 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

同様の説明 - SMB15J

メーカー部品番号データシート部品情報
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
WeEn Semiconductors
SMCJ WEEN-SMCJ Datasheet
598Kb / 7P
   1500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com