データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MP75L24 データシート(PDF) 6 Page - Exar Corporation

部品番号 MP75L24
部品情報  LOW VOLTAGE CMOS BUFFERED MULTIPLYING 8-BIT DIGITAL-TO-ANALOG CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXAR [Exar Corporation]
ホームページ  http://www.exar.com
Logo EXAR - Exar Corporation

MP75L24 データシート(HTML) 6 Page - Exar Corporation

  MP75L24 Datasheet HTML 1Page - Exar Corporation MP75L24 Datasheet HTML 2Page - Exar Corporation MP75L24 Datasheet HTML 3Page - Exar Corporation MP75L24 Datasheet HTML 4Page - Exar Corporation MP75L24 Datasheet HTML 5Page - Exar Corporation MP75L24 Datasheet HTML 6Page - Exar Corporation MP75L24 Datasheet HTML 7Page - Exar Corporation MP75L24 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
03/

5HY 
,17(5)$&( /2*,& ,1)250$7,21
0RGH 6HOHFWLRQ
03/ PRGH VHOHFWLRQ LV FRQWUROOHG E\ WKH &6 DQG :5
LQSXWV
:ULWH 0RGH
:KHQ &6 DQG :5 DUH ERWK /2: WKH 03/ LV LQ WKH
:5,7( PRGH DQG WKH 03/ DQDORJ FLUFXLW UHVSRQGV
WR GDWD DFWLYLW\ DW WKH '%'% GDWD EXV LQSXWV ,Q WKLV
PRGH WKH 03/ DFWV OLNH D QRQODWFKHG LQSXW '$
FRQYHUWHU
+ROG 0RGH
:KHQ HLWKHU &6 RU :5 LV +,*+ WKH 03/ LV LQ WKH
+2/' PRGH 7KH 03/ DQDORJ RXWSXW KROGV WKH
YDOXH FRUUHVSRQGLQJ WR WKH ODVW GLJLWDO LQSXW SUHVHQW DW
'%'% SULRU WR :5 RU &6 DVVXPLQJ WKH KLJK VWDWH
7DEOH  0RGH 6HOHFWLRQ 7DEOH
&6
:5
0RGH
'$& 5HVSRQVH
/
/
:ULWH
'$& UHVSRQGV WR GDWD EXV
'%'% LQSXWV
+
;
+ROG
'DWD %XV '%'% LV
ORFNHG RXW
;
+
+ROG
'$& KROGV ODVW GDWD SUHVHQW
ZKHQ :5 DVVXPHG +,*+
VWDWH
/ /2: VWDWH + +,*+ VWDWH ; 'RQ·W FDUH VWDWH
)LJXUH  :ULWH &\FOH 7LPLQJ 'LDJUDP
W&6
W&+
W:5
W'6
W'+
'$7$ ,1
67$%/(
9,+
9,/
9,+
9,/
9,+
9,/
&6
:5
'$7$ ,1
'%'%
9''

9''

9''

0,&52352&(6625 ,17(5)$&(
03/$ ,QWHUIDFH
)LJXUH  VKRZV WKH 03/ XVHG LQ WKH 0&6
PLFURFRPSXWHU V\VWHP DV D 0HPRU\ 0DSSHG 2XWSXW
'HYLFH 7KH EDVLF &38 JURXS FRQVLVWV RI WKH $ &38
 FORFN JHQHUDWRU DQG  V\VWHP FRQWUROOHUEXV
GULYHU 7KH 03/ :5 LQSXW LV FRQQHFWHG WR WKH 
V\VWHP GDWD EXV RXWSXWV 7KH &6 LQSXW LV FRQQHFWHG WR
WKH V\VWHP DGGUHVV GHFRGLQJ ORJLF 1RWH WKDW SXOOXS
UHVLVWRUV 5 DQG 5 DUH UHTXLUHG WR HQVXUH WKDW WKH &6
DQG :5 LQSXW +,*+ VWDWHV UHDFK 9 PLQ 3XOOXSV DUH
QRW UHTXLUHG RQ WKH V\VWHP GDWD EXV VLQFH WKH  92+ LV
 9 PLQ IRU '%'%
6\VWHP WLPLQJ LV VKRZQ LQ )LJXUH  'DWD LV ORDGHG LQWR
WKH 03/ ZKHQ WKH :5 DQG &6 LQSXWV DUH ERWK /2:
7KH GDWD LV ODWFKHG LQWR WKH 03/ ZKHQ :5 UHWXUQV
+,*+ 03/ XSGDWLQJ LV DFFRPSOLVKHG E\ XVLQJ DQ\
RI WKH $ PHPRU\ ZULWH LQVWUXFWLRQV
7KH 03/ FDQ DOVR EH DGGUHVVHG DQG ORDGHG DV DQ
LVRODWHG 2XWSXW 'HYLFH E\ FRQQHFWLQJ WKH 03/ :5
LQSXW WR WKH  ,2 : WHUPLQDO LQVWHDG RI 0(0: 


同様の部品番号 - MP75L24

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
MP7511DI ETC-MP7511DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
MP7512DI ETC-MP7512DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Exar Corporation
MP7523 EXAR-MP7523 Datasheet
102Kb / 12P
   15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
MP7523JN EXAR-MP7523JN Datasheet
102Kb / 12P
   15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
More results

同様の説明 - MP75L24

メーカー部品番号データシート部品情報
logo
Exar Corporation
MP7528 EXAR-MP7528 Datasheet
142Kb / 16P
   CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7528 BURR-BROWN-DAC7528 Datasheet
76Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7529B EXAR-MP7529B Datasheet
114Kb / 12P
   5 V CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
logo
Maxwell Technologies
7545A MAXWELL-7545A Datasheet
96Kb / 9P
   12-Bit Buffered Multiplying Digital to Analog Converter
7545B MAXWELL-7545B Datasheet
92Kb / 9P
   12-Bit Buffered Multiplying Digital to Analog Converter
logo
Exar Corporation
MP7524A EXAR-MP7524A Datasheet
670Kb / 10P
   CMOS BUFERED MULTIPLYING 8 BIT DIGITAL TO ANALOG CONVERTER
logo
Hitachi Semiconductor
HA17008RP HITACHI-HA17008RP Datasheet
61Kb / 11P
   8-Bit Multiplying Digital to Analog Converter
HA17408P HITACHI-HA17408P Datasheet
22Kb / 4P
   8-Bit Multiplying Digital-to-Analog Converter
logo
Exar Corporation
MP7523 EXAR-MP7523 Datasheet
102Kb / 12P
   15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
logo
List of Unclassifed Man...
MP7633 ETC-MP7633 Datasheet
1Mb / 5P
   CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com