データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC9328AF データシート(PDF) 11 Page - Toshiba Semiconductor

部品番号 TC9328AF
部品情報  Portable Audio DTS Controller (DTS-21)
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF データシート(HTML) 11 Page - Toshiba Semiconductor

Back Button TC9328AF Datasheet HTML 7Page - Toshiba Semiconductor TC9328AF Datasheet HTML 8Page - Toshiba Semiconductor TC9328AF Datasheet HTML 9Page - Toshiba Semiconductor TC9328AF Datasheet HTML 10Page - Toshiba Semiconductor TC9328AF Datasheet HTML 11Page - Toshiba Semiconductor TC9328AF Datasheet HTML 12Page - Toshiba Semiconductor TC9328AF Datasheet HTML 13Page - Toshiba Semiconductor TC9328AF Datasheet HTML 14Page - Toshiba Semiconductor TC9328AF Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
TC9328AF
2002-02-07
11
Pin No.
Symbol
Pin Name
Function and Operation
Remarks
74
VDB
75
C1
76
C2
77
VEE
78
C3
79
C4
80
VLCD
Voltage doubler
boosting output
pins
Voltage doubler boosting output pins.
The VDB pin doubles the VDD pin
voltage using the voltage doubler
boosting capacitor between C1 and C2.
The doubled voltage is used for the AD
converter and constant voltage circuit
(Vreg, VEE) power supply.
The VEE pin supplies a constant
voltage of 1.5 V from the VDB voltage.
The voltage is doubled (to 3 V) using
the voltage doubler boosting capacitor
between C3 and C4. The doubled
voltage is then supplied to the VLCD
pin. The VEE potential and the VLCD
potential are used to drive the LCD.
Connect a stabilizing capacitor between
the VDB pin and GND (0.1 µF, 10 µF
typ.), and between the VLCD pin and
GND (0.1
µF typ.). Connect a voltage
doubler boosting capacitor (0.1
µF typ.)
between C1 and C2, and between C3
and C4. (Note 1)
Note 1: When the LCD pin is set as an output port, the “H” level output is the doubled voltage VLCD. Therefore,
disconnect the voltage doubler boosting capacitor but connect the VLCD pin to the VDD pin.
VLCD


同様の部品番号 - TC9328AF

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC9328AF TOSHIBA-TC9328AF Datasheet
1,020Kb / 84P
   Portable Audio DTS Controller (DTS-21)
TC9328AF TOSHIBA-TC9328AF_04 Datasheet
1,020Kb / 84P
   Portable Audio DTS Controller (DTS-21)
More results

同様の説明 - TC9328AF

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC9329AFAG TOSHIBA-TC9329AFAG Datasheet
1Mb / 83P
   Portable Audio DTS Controller (DTS-21)
TC9328AF TOSHIBA-TC9328AF_04 Datasheet
1,020Kb / 84P
   Portable Audio DTS Controller (DTS-21)
TC9329FA TOSHIBA-TC9329FA Datasheet
1Mb / 83P
   Portable Audio DTS Controller (DTS-21)
2001-07-24
TC9327BFG TOSHIBA-TC9327BFG Datasheet
1Mb / 71P
   DTS Microcontroller (DTS-21)
TC9349AFG TOSHIBA-TC9349AFG Datasheet
2Mb / 129P
   Single-Chip DTS Microcontroller (DTS-21)
TC9318AFAG TOSHIBA-TC9318AFAG Datasheet
1Mb / 56P
   Single Chip DTS Microcontroller (DTS-21)
TC9308AF-022 TOSHIBA-TC9308AF-022 Datasheet
120Kb / 3P
   DTS MICRO CONTROLLER
TC9308AF-028 TOSHIBA-TC9308AF-028 Datasheet
117Kb / 3P
   DTS MICRO CONTROLLER
TC9316F-001 TOSHIBA-TC9316F-001 Datasheet
128Kb / 3P
   DTS MICRO CONTROLLER
TC9307AF-010 TOSHIBA-TC9307AF-010 Datasheet
599Kb / 16P
   SINGLECHIP DTS MICRO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com