データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

9308-00 データシート(PDF) 4 Page - Peregrine Semiconductor Corp.

部品番号 9308-00
部品情報  13.5 GHz Low Power UltraCMOS??Divide-by-4 Prescaler for RAD-Hard Space Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PEREGRINE [Peregrine Semiconductor Corp.]
ホームページ  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

9308-00 データシート(HTML) 4 Page - Peregrine Semiconductor Corp.

  9308-00 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 9308-00 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 9308-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 9308-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 9308-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 9308-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 9308-00 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Advance Information
PE9308
Page 4 of 7
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0187-01
│ www.psemi.com
-2
0
2
4
6
8
10
1.625
1.825
2.025
2.225
2.425
2.625
2.825
3.025
3.225
Output Frequency (GHz)
2.60V @ 25C
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
6.5
7
7.5
8
8.5
9
9.5
10
10.5
11
11.5
12
12.5
13
13.5
Input Frequency (GHz)
2.60V @ 25C
Figure 6: Input Power Sensitivity vs Input Frequency at Nominal Voltage, 25 °C
Figure 7: Output Power vs Output Frequency at Nominal Voltage, 25 °C


同様の部品番号 - 9308-00

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
9308 NSC-9308 Datasheet
121Kb / 6P
   Dual 4-Bit Latch
logo
Keystone Electronics Co...
9308 KEYSTONE-9308 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9308 HEYCO-9308 Datasheet
152Kb / 2P
   Snap Rivets
logo
Molex Electronics Ltd.
930803 MOLEX5-930803 Datasheet
376Kb / 2P
   3.81mm (.150") Pitch Beau??EuroMate??Pluggable PCB Terminal Block, Dual Level, 90째 Wire Entry, 3 Circuits
930803 MOLEX11-930803 Datasheet
48Kb / 2P
   3.81mm Pitch Beau EuroMate Pluggable PCB Terminal Block
More results

同様の説明 - 9308-00

メーカー部品番号データシート部品情報
logo
Peregrine Semiconductor
PE9312 PSEMI-PE9312 Datasheet
198Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9312 PEREGRINE-PE9312 Datasheet
179Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler Rad hard for Space Applications
PE9304 PEREGRINE-PE9304_06 Datasheet
213Kb / 6P
   1 GHz - 7 GHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor
PE9304 PSEMI-PE9304 Datasheet
216Kb / 6P
   1 GHz - 7 GHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
PE9313 PSEMI-PE9313 Datasheet
168Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9301 PEREGRINE-PE9301_06 Datasheet
228Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor
PE9301 PSEMI-PE9301 Datasheet
230Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor...
PE9313 PEREGRINE-PE9313 Datasheet
179Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor
PE9311 PSEMI-PE9311 Datasheet
168Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9311 PEREGRINE-PE9311 Datasheet
178Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler Rad hard for Space Applications
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com