データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1086S-2.5 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 LM1086S-2.5
部品情報  1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

LM1086S-2.5 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  LM1086S-2.5 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM1086S-2.5 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.5A LOW DROPOUT VOLTAGE REGULATOR(ADJ)
LM1086
ABSOULTE MAXIMUM RATINS
CHARACTERISTIC
Supply Voltage
Operating Junction Temperature Range
Storage Temperature Range
Thermal Resistance Junction to Case TO-263
Thermal Resistance Junction to Ambient TO-263
Lead Temperature (Soldering) 10 sec.
Maximum Output Current
ELECTRICAL CHARACTERISTICS I OUT=100㎃, T A=25℃, unless otherwise specified
Min. Load Current(Note 3)
Line Regulation (ΔVREF(VIN))
Load Regulation (ΔVREF(VOUT))
Dropout Voltage
Current Limit
IOUT(MAX)
Thermal Regulation
(ΔVOUT(Pwr))
Output Noise, RMS
HTC
SYMBOL
Tstg
-65~150
UNIT
V
VALUE
C/W
C/W
A
A
0.3
1
1.7
2.5
0.02
60
MIN
TYP
MAX
1.485
1.5
1.515
2.475
3
Thermal Resistance
Junction to Tab
Junction to Ambient
TA=125℃, 1000Hrs
10Hz to 10Khz TA=25℃
0.05
0.01
Long Term Stability
TA=25℃, 30㎳ pulse
Vin-Vout=3V
1.4V≤(VIN-VOUT) Adjustable Only
1.25
1.27
1.225
1.25
1.27
1.225
0.003
3.3V Version
1.5V Version
0<IOUT<1.5A, 4.75V<VIN<7V
2.5
2.525
3.27
3.3
3.33
V
2.879
Tjc
3
Vin
7
Topr
0~125
Tja
60
Tsol
300
Imax
1.5
3.0V Version
Output Voltage
0<IOUT<1.5A, 4.5V<VIN<7V
2.97
3
3.03
2.5V Version
V
%/Vo
℃/W
%/W
%
%
V
0.3
1.2
V
mA
%
510
0.005
1.5V≤(VIN-VOUT)≤5.75V, 10㎃≤IOUT≤1.5A
4.95
5
1.1
1.5V≤(VIN-VOUT)≤5.75V
2.75V≤VIN≤7V, IOUT=10㎃, TJ=25℃
10㎃≤IOUT≤1.5A,(VIN-VOUT)=3V,TJ=25℃
ΔVREF=1% , Iout=1.5A
V
V
5.0V Version
0.2
Reference Voltage (VREF)
V
Output Voltage
All Voltage Options
0≤IOUT≤1.5A, 5.5V≤VIN<7V
VIN≤7V,P≤PMAX
0<IOUT<1.5A, 3.5V<VIN<7V
2.85V Version
Output Voltage
0<IOUT<1.5A, 4.35V<VIN<7V
2.822
2.85
2
V
UNIT
0<IOUT<1.5A, 2.75V<VIN<7V
PARAMETER
Output Voltage
TEST CONDITIONS
Output Voltage
Output Voltage
5.05


同様の部品番号 - LM1086S-2.5

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1086 NSC-LM1086 Datasheet
822Kb / 15P
   1.5A Low Dropout Positive Regulators
logo
HTC Korea TAEJIN Techno...
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Texas Instruments
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
logo
Seme LAB
LM1086-05-220M SEME-LAB-LM1086-05-220M Datasheet
33Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE
LM1086-12-220M SEME-LAB-LM1086-12-220M Datasheet
33Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE
More results

同様の説明 - LM1086S-2.5

メーカー部品番号データシート部品情報
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1086 FAIRCHILD-FAN1086 Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1086 UTC-UZ1086_09 Datasheet
224Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1086 UTC-UZ1086_12 Datasheet
239Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1086 SIPEX-SPX1086 Datasheet
194Kb / 7P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2815 SIPEX-AS2815 Datasheet
181Kb / 9P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1583 SIPEX-SPX1583 Datasheet
147Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX2815 SIPEX-SPX2815 Datasheet
207Kb / 10P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1583 SIPEX-SPX1583 Datasheet
171Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
logo
Calogic, LLC
CLM2815 CALOGIC-CLM2815 Datasheet
84Kb / 6P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com