データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Z0221524ASGR50A5 データシート(PDF) 38 Page - Zilog, Inc.

部品番号 Z0221524ASGR50A5
部品情報  Single Chip Modem with Integrated Controller, Data Pump, and Analog Front End
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZILOG [Zilog, Inc.]
ホームページ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z0221524ASGR50A5 データシート(HTML) 38 Page - Zilog, Inc.

Back Button Z0221524ASGR50A5 Datasheet HTML 34Page - Zilog, Inc. Z0221524ASGR50A5 Datasheet HTML 35Page - Zilog, Inc. Z0221524ASGR50A5 Datasheet HTML 36Page - Zilog, Inc. Z0221524ASGR50A5 Datasheet HTML 37Page - Zilog, Inc. Z0221524ASGR50A5 Datasheet HTML 38Page - Zilog, Inc. Z0221524ASGR50A5 Datasheet HTML 39Page - Zilog, Inc. Z0221524ASGR50A5 Datasheet HTML 40Page - Zilog, Inc. Z0221524ASGR50A5 Datasheet HTML 41Page - Zilog, Inc. Z0221524ASGR50A5 Datasheet HTML 42Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 74 page
background image
Z02215
Single Chip Modem with Integrated Controller, Data Pump, and AFE
PS001907-0904
AT Command Set
32
\R
Minitel line
reversal
using RTS
Options
During V.23 Minitel connections, B4 and S-register S37 are 1. When the
modem is transmitting at 75 bps, it can be configured to perform a Minitel line
reversal when RTS changes from ON to OFF.
To perform a Minitel line reversal, the modem transmitting at 75 bps changes its
transfer rate to1200 bps (transmit) and 75 bps (receive). If the remote modem
supports and is configured for Minitel operation with line reversals, it
automatically detects the rate switch and changes its own transmit and receive
data rates. See the section on See “Minitel Line Reversal” on page 44 for
details.
\R0
This option does not execute a Minitel line reversal when
RTS changes from ON to OFF. This value is the default
value.
\R1
This option performs a Minitel line reversal when RTS
changes from ON to OFF.
Sn
Sets the
current
S-register
to n
The Sn command sets the current S-register to the value n selected by the
user. For example, ATS7 sets the current S-register to S7. The default value is
0. Sn addresses a particular S-register number so future commands like ? and
= reads or writes the S-register. Modem reset and the &F command select S0
as the default S-register.
&S
Data Set
Ready
The &S command controls Data Set Ready. If &Q1, &Q2 or &Q3
(SYNCHRONOUS mode) is selected, the modem's DSR signal operates as if
&S1 is set. If &Q0 (ASYNCHRONOUS mode) has been selected:
&S0
This option forces DSR always ON. This value is the default
value in North America.
&S1
This option causes the modem's DSR signal to be ON at
the start of handshaking and OFF when the modem is
retraining or in the IDLE state.
,
Pause
,
Comma (,) makes the modem pause for a length of time in
S-register S8 before processing the next character in the
command line.
?
Read an
S-Register
?
The ? command displays the value of the last S-register
named in the Sn command.
=x
Write an
S-register
=x
The =x command writes the value x to the last S-register
named in the Sn command. The range of valid values for x
depends upon the S-register being written. The value 0 is
assumed if no value is provided for x.
T
Tone Dialing T
Selects the tone method of dialing.
Table 3. AT Command Set (Continued)
Command
Function and Description


同様の部品番号 - Z0221524ASGR50A5

メーカー部品番号データシート部品情報
logo
Zilog, Inc.
Z02215ZCO ZILOG-Z02215ZCO Datasheet
66Kb / 6P
   Z02215 MODEM EVALUATION KIT
More results

同様の説明 - Z0221524ASGR50A5

メーカー部品番号データシート部品情報
logo
Teridian Semiconductor ...
73M1903C TERIDIAN-73M1903C Datasheet
459Kb / 46P
   Modem Analog Front End
73M1903 TERIDIAN-73M1903 Datasheet
548Kb / 46P
   Modem Analog Front End
73M1903 TERIDIAN-73M1903_V01 Datasheet
552Kb / 47P
   Modem Analog Front End
March 2010
logo
National Semiconductor ...
NS32FX210 NSC-NS32FX210 Datasheet
763Kb / 22P
   Facsimile/Data Modem Analog Front End (AFE)
logo
Teridian Semiconductor ...
73M1903C TERIDIAN-73M1903C_V01 Datasheet
499Kb / 48P
   Modem Analog Front End
March 2010
logo
Analog Devices
AD8452 AD-AD8452 Datasheet
743Kb / 35P
   Precision Integrated Analog Front End, Controller
AD8450 AD-AD8450_17 Datasheet
1Mb / 42P
   Precision Analog Front End and Controller
logo
NXP Semiconductors
UCB1100 PHILIPS-UCB1100 Datasheet
290Kb / 36P
   Advanced modem/audio analog front-end
1998 May 08
UCB1300 PHILIPS-UCB1300 Datasheet
1,022Kb / 56P
   Advanced modem/audio analog front-end
1999 Jul 20
UCB1200 PHILIPS-UCB1200 Datasheet
1Mb / 54P
   Advanced modem/audio analog front-end
1998 Jul 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com