データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Z0221524VSCR4508T データシート(PDF) 65 Page - Zilog, Inc.

部品番号 Z0221524VSCR4508T
部品情報  Single Chip Modem with Integrated Controller, Data Pump, and Analog Front End
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZILOG [Zilog, Inc.]
ホームページ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z0221524VSCR4508T データシート(HTML) 65 Page - Zilog, Inc.

Back Button Z0221524VSCR4508T Datasheet HTML 61Page - Zilog, Inc. Z0221524VSCR4508T Datasheet HTML 62Page - Zilog, Inc. Z0221524VSCR4508T Datasheet HTML 63Page - Zilog, Inc. Z0221524VSCR4508T Datasheet HTML 64Page - Zilog, Inc. Z0221524VSCR4508T Datasheet HTML 65Page - Zilog, Inc. Z0221524VSCR4508T Datasheet HTML 66Page - Zilog, Inc. Z0221524VSCR4508T Datasheet HTML 67Page - Zilog, Inc. Z0221524VSCR4508T Datasheet HTML 68Page - Zilog, Inc. Z0221524VSCR4508T Datasheet HTML 69Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 74 page
background image
Z02215
Single Chip Modem with Integrated Controller, Data Pump, and AFE
PS001907-0904
Standard Test Conditions
59
Standard Test Conditions
The DC Parameters are be tested according to the DC Characteristics detailed in
Table 15. The Z02215 tester has active loads which are used to test the loading
for IOH and IOR.
Available Operating Temperature Range
Voltage Supply Range:
All AC parameters assume a load capacitance of 100 pF. Add 10 ns delay for
each 50 pF increase in load up to a maximum of 150 pF for the data bus and 100
pF for address and control lines.
Standard = 0
°C to +70°C
Extended = –40
°C to +85°C
+4.5 V
≤ V
CC ≤ + 5.5 V


同様の部品番号 - Z0221524VSCR4508T

メーカー部品番号データシート部品情報
logo
Zilog, Inc.
Z02215ZCO ZILOG-Z02215ZCO Datasheet
66Kb / 6P
   Z02215 MODEM EVALUATION KIT
More results

同様の説明 - Z0221524VSCR4508T

メーカー部品番号データシート部品情報
logo
Teridian Semiconductor ...
73M1903C TERIDIAN-73M1903C Datasheet
459Kb / 46P
   Modem Analog Front End
73M1903 TERIDIAN-73M1903 Datasheet
548Kb / 46P
   Modem Analog Front End
73M1903 TERIDIAN-73M1903_V01 Datasheet
552Kb / 47P
   Modem Analog Front End
March 2010
logo
National Semiconductor ...
NS32FX210 NSC-NS32FX210 Datasheet
763Kb / 22P
   Facsimile/Data Modem Analog Front End (AFE)
logo
Teridian Semiconductor ...
73M1903C TERIDIAN-73M1903C_V01 Datasheet
499Kb / 48P
   Modem Analog Front End
March 2010
logo
Analog Devices
AD8452 AD-AD8452 Datasheet
743Kb / 35P
   Precision Integrated Analog Front End, Controller
AD8450 AD-AD8450_17 Datasheet
1Mb / 42P
   Precision Analog Front End and Controller
logo
NXP Semiconductors
UCB1100 PHILIPS-UCB1100 Datasheet
290Kb / 36P
   Advanced modem/audio analog front-end
1998 May 08
UCB1300 PHILIPS-UCB1300 Datasheet
1,022Kb / 56P
   Advanced modem/audio analog front-end
1999 Jul 20
UCB1200 PHILIPS-UCB1200 Datasheet
1Mb / 54P
   Advanced modem/audio analog front-end
1998 Jul 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com