データシートサーチシステム |
|
Z0220516SSGR4292 データシート(PDF) 8 Page - Zilog, Inc. |
|
Z0220516SSGR4292 データシート(HTML) 8 Page - Zilog, Inc. |
8 / 30 page Z02205 Modem Controller ZiLOG 6 PS001000-MOD0599 IIR Reset Input Current 5.5V –20 –180 –85 µA ICC Supply Current 5.5V 25 20 mA @ 16 MHz 4 ICC1 Standby Current (HALT Mode) 5.5V 8 3.7 mA VIN = 0V, VCC @ 16 MHz 4 ICC2 Standby Current (STOP Mode) 5.5V 10 4 µA VIN = 0V, VCC WDT is not Running 6,11 5.5V 800 600 µA VIN = 0V, VCC WDT is Running 6,11, 13 VICR Input Common Mode Voltage Range 5.5V 0 VCC–1.0V V 10 IALL Auto Latch Low Current 5.5V 1.4 15 5 µA 0V < VIN < VCC 9 IALH Auto Latch High Current 5.5V –1.0 –8 –6 µA 0V < VIN < VCC 9 VLV VCC Low Voltage Protection Voltage 2.8 V 4 MHz max Int. CLK Freq. 7 2.2 3.1 2.8 6 MHz max Int. CLK Freq. 7,13 VOH Output High Voltage (Low EMI Mode) 5.0V VCC–0.4 4.8 V IOH = –0.5 mA VOL Output Low Voltage (Low EMI Mode) 5.0V 0.4 0.1 V IOL = 1.0 mA Notes: 1. Typicals at VCC = 5.0V. 2. GND = 0V. 3. The VDD voltage specification of 5.5V guarantees 5.0V ±0.5V with typicals at VCC–5.0V. 4. All outputs unloaded, I/O pins floating, inputs at rail. 5. CL1 = CL2 = 10 pF. 6. Same as note [4] except inputs at VCC. 7. The VLV voltage increases as the temperature decreases and will overlap lower VCC operating region. 8. Standard Mode (not Low EMI). 9. Auto Latch (Mask Option) selected. 10. For analog comparator, inputs when analog comparators are enabled. 11. Clock must be forced Low, when XTAL1 is clock-driven and XTAL2 is floating. 12. Excludes clock pins. 13. 0°C to 70°C (standard temperature). VCC TA = 0° C to +70°C Sym Parameter Note [3] Min Max Typical [1] @ 25°C Units Conditions Notes |
同様の部品番号 - Z0220516SSGR4292 |
|
同様の説明 - Z0220516SSGR4292 |