データシートサーチシステム |
|
ADC088S022CIMT データシート(PDF) 7 Page - National Semiconductor (TI) |
|
|
ADC088S022CIMT データシート(HTML) 7 Page - National Semiconductor (TI) |
7 / 17 page Specification Definitions ACQUISITION TIME is the time required for the ADC to acquire the input voltage. During this time, the hold capacitor is charged by the input voltage. APERTURE DELAY is the time between the fourth falling edge of SCLK and the time when the input signal is internally acquired or held for conversion. CONVERSION TIME is the time required, after the input voltage is acquired, for the ADC to convert the input voltage to a digital word. CHANNEL-TO-CHANNEL ISOLATION is resistance to cou- pling of energy from one channel into another channel. CROSSTALK is the coupling of energy from one channel into another channel. This is similar to Channel-to-Channel Isolation, except for the sign of the data. DIFFERENTIAL NON-LINEARITY (DNL) is the measure of the maximum deviation from the ideal step size of 1 LSB. DUTY CYCLE is the ratio of the time that a repetitive digital waveform is high to the total time of one period. The speci- fication here refers to the SCLK. EFFECTIVE NUMBER OF BITS (ENOB, or EFFECTIVE BITS) is another method of specifying Signal-to-Noise and Distortion or SINAD. ENOB is defined as (SINAD - 1.76) / 6.02 and says that the converter is equivalent to a perfect ADC of this (ENOB) number of bits. FULL POWER BANDWIDTH is a measure of the frequency at which the reconstructed output fundamental drops 3 dB below its low frequency value for a full scale input. GAIN ERROR is the deviation of the last code transition (111...110) to (111...111) from the ideal (V REF - 1.5 LSB), after adjusting for offset error. INTEGRAL NON-LINEARITY (INL) is a measure of the deviation of each individual code from a line drawn from negative full scale (1⁄2 LSB below the first code transition) through positive full scale (1⁄2 LSB above the last code transition). The deviation of any given code from this straight line is measured from the center of that code value. INTERMODULATION DISTORTION (IMD) is the creation of additional spectral components as a result of two sinusoidal frequencies being applied to an individual ADC input at the same time. It is defined as the ratio of the power in either the second or the third order intermodulation products to the sum of the power in both of the original frequencies. Second order products are f a ± fb, where fa and fb are the two sine wave input frequencies. Third order products are (2f a ± fb ) and (f a ± 2fb). IMD is usually expressed in dB. MISSING CODES are those output codes that will never appear at the ADC outputs. The ADC088S022 is guaranteed not to have any missing codes. OFFSET ERROR is the deviation of the first code transition (000...000) to (000...001) from the ideal (i.e. GND + 0.5 LSB). SIGNAL TO NOISE RATIO (SNR) is the ratio, expressed in dB, of the rms value of the input signal to the rms value of the sum of all other spectral components below one-half the sampling frequency, not including harmonics or d.c. SIGNAL TO NOISE PLUS DISTORTION (S/N+D or SINAD) Is the ratio, expressed in dB, of the rms value of the input signal to the rms value of all of the other spectral compo- nents below half the clock frequency, including harmonics but excluding d.c. SPURIOUS FREE DYNAMIC RANGE (SFDR) is the differ- ence, expressed in dB, between the rms values of the input signal and the peak spurious signal where a spurious signal is any signal present in the output spectrum that is not present at the input, including harmonics but excluding d.c. TOTAL HARMONIC DISTORTION (THD) is the ratio, ex- pressed in dBc, of the rms total of the first five harmonic components at the output to the rms level of the input signal frequency as seen at the output. THD is calculated as where A f1 is the RMS power of the input frequency at the output and A f2 through Af6 are the RMS power in the first 5 harmonic frequencies. THROUGHPUT TIME is the minimum time required between the start of two successive conversions. It is the acquisition time plus the conversion time. www.national.com 7 |
同様の部品番号 - ADC088S022CIMT |
|
同様の説明 - ADC088S022CIMT |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |