データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IZ7007 データシート(PDF) 6 Page - Integral Corp.

部品番号 IZ7007
部品情報  Circuit for electron pedometer - ergmeter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEGRAL [Integral Corp.]
ホームページ  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ7007 データシート(HTML) 6 Page - Integral Corp.

  IZ7007 Datasheet HTML 1Page - Integral Corp. IZ7007 Datasheet HTML 2Page - Integral Corp. IZ7007 Datasheet HTML 3Page - Integral Corp. IZ7007 Datasheet HTML 4Page - Integral Corp. IZ7007 Datasheet HTML 5Page - Integral Corp. IZ7007 Datasheet HTML 6Page - Integral Corp. IZ7007 Datasheet HTML 7Page - Integral Corp. IZ7007 Datasheet HTML 8Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IZ7007
6
Таble 4 - Purpose of contact pads
№ of contact pad
Symbol
purpose
01
D
control input
02
M
control input
03
BD
is not used
04
BDN
is not used
05
UCC1
Output of primary supply voltage from voltage source
06
UCC2
pin of secondary supply voltage
07
EL
is not used
08
IND
is not used
09
GND
general output
10
CAP1
output of connecting of voltage converter capacity
11
CAP2
output of connecting of voltage converter capacity
12
OSCO
output for connection of quartz resonator
13
OSCI
input for connection of quartz resonator
14
TST
is not used
15
S
control input
16
COUNT
control input
17
COM1
LCD general electrode control output
18
SEG1
LCD sign electrode control output
19
SEG2
LCD sign electrode control output
20
SEG3
LCD sign electrode control output
21
SEG4
LCD sign electrode control output
22
SEG5
LCD sign electrode control output
23
SEG6
LCD sign electrode control output
24
SEG7
LCD sign electrode control output
25
SEG8
LCD sign electrode control output
26
SEG9
LCD sign electrode control output
27
SEG10
LCD sign electrode control output
28
SEG11
LCD sign electrode control output
29
SEG12
LCD sign electrode control output
30
SEG13
LCD sign electrode control output
31
SEG14
LCD sign electrode control output
32
SEG15
LCD sign electrode control output
33
SEG16
LCD sign electrode control output
34
SEG17
LCD sign electrode control output
35
SEG18
LCD sign electrode control output
36
SEG19
LCD sign electrode control output
37
SEG20
LCD sign electrode control output
38
SEG21
LCD sign electrode control output
39
SEG22
LCD sign electrode control output
40
SEG23
LCD sign electrode control output
41
SEG24
LCD sign electrode control output
42
SEG25
LCD sign electrode control output
43
SEG26
LCD sign electrode control output
44
SEG27
LCD sign electrode control output
45
SEG28
LCD sign electrode control output
46
SEG29
is not used
47
COM3
is not used
48
COM2
LCD General electrode control Output
Abbreviations
LCD - liquid crystal display жидкокристалический индикатор


同様の部品番号 - IZ7007

メーカー部品番号データシート部品情報
logo
Integral Corp.
IZ7008 INTEGRAL-IZ7008 Datasheet
445Kb / 16P
   8-BIT MICROCONTROLLER WITH LCD DRIVER
More results

同様の説明 - IZ7007

メーカー部品番号データシート部品情報
logo
Integral Corp.
IZ7010 INTEGRAL-IZ7010 Datasheet
392Kb / 14P
   CIRCUIT FOR ELECTRON PEDOMETER - ERGOMETER
logo
Shenzhen Titan Micro El...
TM9937 TITAN-TM9937 Datasheet
135Kb / 7P
   Three-phase electron-electrIc circuit
logo
OptoDiode Corp
AXUV100G OPTODIODE-AXUV100G Datasheet
150Kb / 2P
   ELECTRON DETECTION 100 mm Ideal for electron detection
logo
Shenzhen Titan Micro El...
TM9936 TITAN-TM9936 Datasheet
185Kb / 13P
   Three-phase electron-electrIc circuit
logo
SHENZHEN FUMAN ELECTRON...
SC63003 FUMAN-SC63003 Datasheet
235Kb / 6P
   Pedometer
SC73003 FUMAN-SC73003 Datasheet
243Kb / 6P
   Pedometer
logo
OptoDiode Corp
AXUVPS7 OPTODIODE-AXUVPS7 Datasheet
282Kb / 2P
   QUAD ELECTRON DETECTOR 15 mm Ideal for electron detection
logo
SHENZHEN FUMAN ELECTRON...
TC2152 FUMAN-TC2152 Datasheet
73Kb / 3P
   Pedometer IC
logo
List of Unclassifed Man...
437A ETC2-437A Datasheet
91Kb / 4P
   ELECTRON TUBE
logo
Hamamatsu Corporation
R6985-80 HAMAMATSU-R6985-80_15 Datasheet
134Kb / 2P
   ELECTRON MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com