データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK1102 データシート(PDF) 2 Page - Inchange Semiconductor Company Limited

部品番号 2SK1102
部品情報  Isc N-Channel MOSFETransistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISC [Inchange Semiconductor Company Limited]
ホームページ  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK1102 データシート(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SK1102 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK1102 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc N-Channel MOSFET Transistor
2SK1102
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 1mA
500
--
V
VGS(th)
Gate Threshold Voltage
VDS= 10V; ID= 1mA
2.5
5
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID=5A
--
0.9
Ω
IGSS
Gate-Body Leakage Current
VGS= ±30V;VDS= 0
--
±
0.1
uA
IDSS
Zero Gate Voltage Drain Current
VDS= 500V; VGS= 0
--
500
uA
VSD
Forward On-Voltage
IS= 10A; VGS= 0
--
1.5
V
NOTICE:
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of
our products.
ISC products are intended for usage in general electronic equipment. The products are not
designed for use in equipment which require specialized quality and/or reliability, or in equipment
which could have applications in hazardous environments, aerospace industry, or medical
field. Please contact us if you intend our products to be used in these special applications.
ISC makes no warranty or guarantee regarding the suitability of its products for any particular
purpose, nor does ISC assume any liability arising from the application or use of any products, and
specifically disclaims any and all liability, including without limitation special, consequential or
incidental damages.


同様の部品番号 - 2SK1102

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
2SK1102 ETC-2SK1102 Datasheet
169Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
More results

同様の説明 - 2SK1102

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
2SK1060-AZ ISC-2SK1060-AZ Datasheet
326Kb / 2P
   Isc N-Channel MOSFETransistor
2SK1087 ISC-2SK1087 Datasheet
271Kb / 2P
   Isc N-Channel MOSFETransistor
2SK1088 ISC-2SK1088 Datasheet
271Kb / 2P
   Isc N-Channel MOSFETransistor
2SK1194 ISC-2SK1194 Datasheet
326Kb / 2P
   Isc N-Channel MOSFETransistor
2SK1190 ISC-2SK1190 Datasheet
270Kb / 2P
   Isc N-Channel MOSFETransistor
2SK1060 ISC-2SK1060 Datasheet
345Kb / 2P
   Isc N-Channel MOSFETransistor
2SK1123 ISC-2SK1123 Datasheet
271Kb / 2P
   Isc N-Channel MOSFETransistor
2SK1181 ISC-2SK1181 Datasheet
265Kb / 2P
   Isc N-Channel MOSFETransistor
2SK1186 ISC-2SK1186 Datasheet
270Kb / 2P
   Isc N-Channel MOSFETransistor
2SK1191 ISC-2SK1191 Datasheet
270Kb / 2P
   Isc N-Channel MOSFETransistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com