データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML2110TC データシート(PDF) 6 Page - OKI electronic componets

部品番号 ML2110TC
部品情報  Speech Control Processor
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OKI [OKI electronic componets]
ホームページ  http://www.oki.com
Logo OKI - OKI electronic componets

ML2110TC データシート(HTML) 6 Page - OKI electronic componets

Back Button ML2110TC Datasheet HTML 2Page - OKI electronic componets ML2110TC Datasheet HTML 3Page - OKI electronic componets ML2110TC Datasheet HTML 4Page - OKI electronic componets ML2110TC Datasheet HTML 5Page - OKI electronic componets ML2110TC Datasheet HTML 6Page - OKI electronic componets ML2110TC Datasheet HTML 7Page - OKI electronic componets ML2110TC Datasheet HTML 8Page - OKI electronic componets ML2110TC Datasheet HTML 9Page - OKI electronic componets ML2110TC Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 101 page
background image
FEDL2110-01
OKI Semiconductor
ML2110
6/101
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Power Supply Voltage
VDD
Ta = 25
–0.3 to 4.5
V
Input Voltage
Vin
Ta = 25
–0.3 to 5.5
V
Storage Temperature
Tstg
–55 to 125
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Rating
Unit
Power Supply Voltage
VDD
3.0 to 3.6
V
Operating Temperature
Top
–40 to 85
°C
ELECTRICAL CHARACTERISTICS
DC Characteristics
(VDD = 3.0 to 3.6 V, Ta = –40 to 85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
"H" Input Voltage
VIH
Excluding CLK
2.2
V
"L" Input Voltage
VIL
Excluding CLK
0.8
V
"H" Input Voltage
VIH
CLK
0.8 VDD
V
"L" Input Voltage
VIL
CLK
0.2 VDD
V
"H" Output Voltage
VOH
IOH = –4 mA
2.4
V
"L" Output Voltage
VOL
IOL = 4 mA
0.4
V
Input Leakage Current
ILI
0 < VIN < VDD
–10
+10
µA
Output Leakage Current
ILO
0 < VOUT < VDD
–10
+10
µA
Dynamic Supply Current
IDO
VDD = 3.6 V,
fOPE = 33 MHz
150
mA
Static Supply Current
IDS
1.5
mA
D/A Output Relative
Accuracy
|VDAE|
No load
10
mV
D/A Output Impedance
RDA
12
20
28
k


同様の部品番号 - ML2110TC

メーカー部品番号データシート部品情報
logo
Micro Linear Corporatio...
ML2111 MICRO-LINEAR-ML2111 Datasheet
440Kb / 26P
   Universal Dual High Frequency Filter
ML2111CCP MICRO-LINEAR-ML2111CCP Datasheet
440Kb / 26P
   Universal Dual High Frequency Filter
ML2111CCS MICRO-LINEAR-ML2111CCS Datasheet
440Kb / 26P
   Universal Dual High Frequency Filter
ML2111CIP MICRO-LINEAR-ML2111CIP Datasheet
440Kb / 26P
   Universal Dual High Frequency Filter
More results

同様の説明 - ML2110TC

メーカー部品番号データシート部品情報
logo
OKI electronic componet...
MSM7630 OKI-MSM7630 Datasheet
650Kb / 95P
   Universal Speech Processor
logo
List of Unclassifed Man...
ISD-T267SP ETC-ISD-T267SP Datasheet
4Mb / 100P
   DIGITAL SPEECH PROCESSOR
logo
Microchip Technology
SP0264 MICROCHIP-SP0264 Datasheet
344Kb / 12P
   NARRATOR SPEECH PROCESSOR
1989
logo
List of Unclassifed Man...
80-0206-R ETC1-80-0206-R Datasheet
511Kb / 49P
   Speech Recognition Processor
RSC4128 ETC-RSC4128 Datasheet
690Kb / 49P
   Speech Recognition Processor
RSC-464 ETC1-RSC-464 Datasheet
400Kb / 41P
   Speech Recognition Processor
80-0210-C ETC1-80-0210-C Datasheet
271Kb / 9P
   Speech And Music Processor
80-0207-A ETC1-80-0207-A Datasheet
259Kb / 8P
   Speech And Music Processor
80-0211-C ETC1-80-0211-C Datasheet
349Kb / 12P
   Speech And Music Processor
80-0208-B ETC1-80-0208-B Datasheet
283Kb / 13P
   Speech And Music Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com