データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML2240TB データシート(PDF) 3 Page - OKI electronic componets

部品番号 ML2240TB
部品情報  4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OKI [OKI electronic componets]
ホームページ  http://www.oki.com
Logo OKI - OKI electronic componets

ML2240TB データシート(HTML) 3 Page - OKI electronic componets

  ML2240TB Datasheet HTML 1Page - OKI electronic componets ML2240TB Datasheet HTML 2Page - OKI electronic componets ML2240TB Datasheet HTML 3Page - OKI electronic componets ML2240TB Datasheet HTML 4Page - OKI electronic componets ML2240TB Datasheet HTML 5Page - OKI electronic componets ML2240TB Datasheet HTML 6Page - OKI electronic componets ML2240TB Datasheet HTML 7Page - OKI electronic componets ML2240TB Datasheet HTML 8Page - OKI electronic componets ML2240TB Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
FEDL2240DIGEST-02
OKI Semiconductor
ML2240 Family
3/24
PIN CONFIGURATION (TOP VIEW)
80-pin plastic TQFP
NC: No Connection
RD13
RD6
RD14
DGND
RD7
RD15/A-1
BYTE
RA0
RA1
RA2
RA3
RA4
RA5
RA6
RA7
RA8
RA9
RA10
RA11
RA12
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
NC
SERIAL
ROE
DGND
RCS
AVDD
AOUTR
DAOR
NC
AOUTL
DAOL
AGND
D7/DI
D6/SCK
D5/DO
D4/STASEL
D3/STA3
D2/STA2
D1/STA1
D0/STA0
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41


同様の部品番号 - ML2240TB

メーカー部品番号データシート部品情報
logo
MicroPower Direct, LLC
ML224D-12 MPD-ML224D-12 Datasheet
1Mb / 5P
   Ultra-Miniature, 2W Single & Dual SMT DC/DC Converters
ML224D-15 MPD-ML224D-15 Datasheet
1Mb / 5P
   Ultra-Miniature, 2W Single & Dual SMT DC/DC Converters
ML224DMR-12RI4 MPD-ML224DMR-12RI4 Datasheet
731Kb / 2P
   Medical Approved Compact SMT, 2W DC/DC Converters
ML224DMR-15RI4 MPD-ML224DMR-15RI4 Datasheet
731Kb / 2P
   Medical Approved Compact SMT, 2W DC/DC Converters
ML224MD12HI MPD-ML224MD12HI Datasheet
334Kb / 2P
   ML200MHI SERIES
More results

同様の説明 - ML2240TB

メーカー部品番号データシート部品情報
logo
OKI electronic componet...
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
List of Unclassifed Man...
ML22808 ETC2-ML22808 Datasheet
601Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
logo
OKI electronic componet...
MSM9811 OKI-MSM9811 Datasheet
331Kb / 44P
   4-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
logo
List of Unclassifed Man...
FEDL2280X-04 ETC2-FEDL2280X-04 Datasheet
584Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
logo
OKI electronic componet...
MSM9810B OKI-MSM9810B Datasheet
337Kb / 44P
   8-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9810 OKI-MSM9810 Datasheet
184Kb / 32P
   8-channel Mixing OKI ADPCM Type Voice Synthesis LSI
logo
List of Unclassifed Man...
ML22Q563-NNNMB ETC2-ML22Q563-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
ML22Q573-NNNMB ETC2-ML22Q573-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
ML22Q553-NNNMB ETC2-ML22Q553-NNNMB Datasheet
1Mb / 69P
   4-Channel Mixing Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com