データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


ML2302 データシート(Datasheet) 8 Page - OKI electronic componets

部品番号. ML2302
部品情報  Recording and Playback LSI with Built-in 2-Bit ADPCM2 Supported FIFO
ダウンロード  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  OKI [OKI electronic componets]
ホームページ  http://www.oki.com
Logo 

 8 page
background image
FEDL2302DIGEST-05
OKI Semiconductor
ML2302
8/24
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Power Supply Voltage
VDD
–0.3 to +7.0
V
Input Voltage
VIN
–0.3 to VDD +0.3
V
Maximum Power Dissipation
PD
Ta = 25°C
689.6
mW
Temperature Storage
TSTG
–55 to +150
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Rating
Unit
Power Supply Voltage
VDD
DGND = AGND = 0 V
+2.7 to +3.6
V
Operating Temperature
TOp
–10 to +70
°C
Master Clock Frequency
fOSC
16.384
MHz
Speaker Amplifier Load Impedance
RLSP
8 to




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
MSM9841Recording and Playback LSI with Built-in FIFO 1 2 3 4 5 MoreOKI electronic componets
MS87V1021Recording and Playback IC with Built-in 2-Mbit DRAM 1 2 3 4 5 MoreOKI electronic componets
MSM9842Playback LSI with Built-in FIFO 1 2 3 4 5 MoreOKI electronic componets
SM8580AMReal-time Clock IC with 4-bit Interface and Built-in Temperature Sensor 1 2 3 4 5 MoreNippon Precision Circuits Inc
MSM64153A4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit 1 2 3 4 5 MoreOKI electronic componets
MSM9844VOICE SYNTHESIS LSI with on-chip FIFO Memory 1 2 3 4 5 MoreOKI electronic componets
XR16L27512.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE 1 2 3 4 5 MoreExar Corporation
CXA1878QDolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier 1 2 3 4 5 MoreSony Corporation
CXD2598QCD Digital Signal Processor with Built-in Digital Servo and DAC 1 2 3 4 5 MoreSony Corporation
XR16V2651HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE 1 2 3 4 5 MoreExar Corporation

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl