データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LDTA144EM3T5G データシート(PDF) 10 Page - Leshan Radio Company

部品番号 LDTA144EM3T5G
部品情報  Bias Resistor Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LDTA144EM3T5G データシート(HTML) 10 Page - Leshan Radio Company

Back Button LDTA144EM3T5G Datasheet HTML 3Page - Leshan Radio Company LDTA144EM3T5G Datasheet HTML 4Page - Leshan Radio Company LDTA144EM3T5G Datasheet HTML 5Page - Leshan Radio Company LDTA144EM3T5G Datasheet HTML 6Page - Leshan Radio Company LDTA144EM3T5G Datasheet HTML 7Page - Leshan Radio Company LDTA144EM3T5G Datasheet HTML 8Page - Leshan Radio Company LDTA144EM3T5G Datasheet HTML 9Page - Leshan Radio Company LDTA144EM3T5G Datasheet HTML 10Page - Leshan Radio Company LDTA144EM3T5G Datasheet HTML 11Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LESHAN RADIO COMPANY, LTD.
LDTA114EM3T5G_S-10/11
LDTA114EM3T5G_Series
TYPICAL ELECTRICAL CHARACTERISTICS — LDTA144WM3T5G
Figure 28. Maximum Collector Voltage versus
Collector Current
Figure 29. DC Current Gain
Figure 30. Output Capacitance
Figure 31. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 32. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
1
0.1
35
30
25
20
15
10
5
0
IC, COLLECTOR CURRENT (mA)
100
10
1
100
10
0.01
1000
1.4
0.6
60
50
40
30
20
10
0
0
0.2
0.4
0.8
1.0
100
6
5
4
3
2
1
0
0.001
1
10
11
9
8
7
100
15
10
5
0
1
10
20
25
50
45
40
0.1
0.01
10
1.2
f = 1 MHz
IE = 0 V
TA = 25°C
75
°C
25
°C
TA = −25°C
VO = 5 V
75
°C
25
°C
TA = −25°C
VO = 0.2 V
75
°C
25
°C
TA = −25°C
IC/IB = 10
VCE = 10 V
75
°C
25
°C
TA = −25°C
Version 1.0


同様の部品番号 - LDTA144EM3T5G

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
LDTA144EM3T5G LRC-LDTA144EM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
More results

同様の説明 - LDTA144EM3T5G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1_05 Datasheet
90Kb / 8P
   Bias Resistor Transistors
August, 2005 ??Rev. 5
logo
Leshan Radio Company
LDTA124XM3T5G LRC-LDTA124XM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LDTA143EM3T5G LRC-LDTA143EM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LMUN2114LT1G LRC-LMUN2114LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2131LT1G LRC-LMUN2131LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2240LT1G LRC-LMUN2240LT1G_15 Datasheet
189Kb / 16P
   Bias Resistor Transistors
LMUN2111LT1G LRC-LMUN2111LT1G Datasheet
655Kb / 10P
   Bias Resistor Transistors
logo
First Silicon Co., Ltd
DTC301 FS-DTC301 Datasheet
337Kb / 10P
   Bias Resistor Transistors
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G_15 Datasheet
220Kb / 11P
   Bias Resistor Transistors
LDTA143ZM3T5G LRC-LDTA143ZM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com