データシートサーチシステム |
|
DLZ-17 データシート(PDF) 2 Page - Protek Devices |
|
DLZ-17 データシート(HTML) 2 Page - Protek Devices |
2 / 4 page 2 www.protekdevices.com 05008.R6 11/04 DLZ-5 thru DLZ-30CA DEVICE CHARACTERISTICS MAXIMUM RATINGS @ 25°C Unless Otherwise Specified Operating Temperature SYMBOL VALUE -55°C to 150°C °C °C -55°C to 150°C UNITS T J TSTG PARAMETER Storage Temperature Peak Pulse Power (t p = 8/20µs) - See Figure 1 P PP 1300 Watts Forward Surge Rating (1/20 seconds) - Unidirectional Only Amps 10 IF ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified PART NUMBER (Note 1) RATED STAND-OFF VOLTAGE V WM VOLTS MINIMUM BREAKDOWN VOLTAGE @ 1mA V (BR) VOLTS MAXIMUM CLAMPING VOLTAGE (See Fig. 2) @ I P = 1 A V C VOLTS MAXIMUM CLAMPING VOLTAGE (See Fig. 2) @ 8/20µs V C @ IPP TEMPERATURE COEFFICIENT OF V (BR) qV (BR) mV/°C DLZ-5 DLZ-5A DLZ-12 DLZ-12A DLZ-17 DLZ-17A DLZ-24 DLZ-24A DLZ-30 DLZ-30A DLZ-8C DLZ-13C DLZ-13CA DLZ-19C DLZ-19CA DLZ-30C DLZ-30CA 5.0 5.0 12.0 12.0 17.0 17.0 24.0 24.0 30.0 30.0 8.0 13.0 13.0 19.0 19.0 30.0 30.0 6.0 6.0 13.3 13.3 19.2 19.2 26.7 26.7 33.3 33.3 8.5 14.4 14.4 21.6 21.6 33.3 33.3 10.2 9.5 21.1 19.1 30.4 27.5 42.3 38.3 52.8 47.8 13.4 22.8 20.6 34.2 31.0 52.8 47.8 19.2V @ 66A 18.1V @ 70A 33.0V @ 41A 28.0V @ 48A 40.0V @ 33A 37.4V @ 35A 62.4V @ 21A 50.5V @ 26A 62.9V @ 21A 60.0V @ 24A 29.0V @ 45A 34.0V @ 39A 31.0V @ 43A 47.6V @ 28A 40.5V @ 33A 68.7V @ 19A 62.5V @ 21A 200 200 2 2 2 2 2 2 2 2 10 4 4 4 4 4 4 MAXIMUM LEAKAGE CURRENT @V WM I D µA MAXIMUM CAPACITANCE @ 0V, 1 MHz C J pF 880 880 440 440 330 330 275 275 220 220 440 385 385 275 275 165 165 5 5 18 18 20 20 31 31 39 39 9 18 18 24 24 39 39 Note 1: Part numbers with a “C” suffix are bidirectional devices, i.e., DLZ-8C. |
同様の部品番号 - DLZ-17 |
|
同様の説明 - DLZ-17 |