データシートサーチシステム |
|
DLZ-19C データシート(PDF) 1 Page - Protek Devices |
|
DLZ-19C データシート(HTML) 1 Page - Protek Devices |
1 / 4 page DLZ-5 thru DLZ-30CA 1 05008.R6 11/04 www.protekdevices.com STANDARD CAPACITANCE TVS ARRAY Only One Name Means ProTek’Tion™ APPLICATIONS ✔ Military & Aerospace Data Line Protection ✔ RS-232 & RS-423 Data Lines ✔ Microprocessor Based Equipment ✔ Multiple Data & Power Bus Line Protection IEC COMPATIBILITY (EN61000-4) ✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV ✔ 61000-4-4 (EFT): 40A - 5/50ns ✔ 61000-4-5 (Surge): 24A, 8/20µs Level 2 (Line-Ground) & Level 3 (Line-Line) FEATURES ✔ MIL-STD-461 Compatible ✔ Protects I/O Devices ✔ Satisfies Military NEMP Requirements ✔ 1300 Watts Peak Pulse Power per Line (tp=8/20µs) ✔ Unidirectional & Bidirectional Configurations ✔ ESD Protection > 40 kilovolts ✔ Internal Common Ground ✔ Available in Multiple Voltage Types: 5.0V to 30.0V ✔ ✔ ✔ ✔ ✔ MULTIPLE TVS ARRAY: PROTECTS UP TO 15 LINES MECHANICAL CHARACTERISTICS ✔ Ceramic 16 Pin Hermetically Sealed Package ✔ Weight 3.2 grams (Approximate) ✔ Flammability Rating UL 94V-0 ✔ Marking: Logo, Part Number, Date Code & Pin One Defined By Flag on Lead ✔ Screening Available Upon Request - The DLZ series can be screened upon request for military requirements in accordance with MIL-PRF-19500 (applicable test). Standard screening is available based on the following options: H1 - 100% screening per test plans 05227 & 05229 H2 - 100% screening per test plans 05228 & 05230 ✔ Screening to DESC Drawing #94029 (Bidirectional) & #94030 (Unidirectional) is also available 16 PIN CERAMIC PIN CONFIGURATIONS BIDIRECTIONAL 1 2 5 4 16 3 6 78 9 10 11 12 13 14 15 1 2 5 4 16 3 6 78 9 10 11 12 13 14 15 UNIDIRECTIONAL |
同様の部品番号 - DLZ-19C |
|
同様の説明 - DLZ-19C |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |