データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMBT3906LT1 データシート(PDF) 3 Page - Leshan Radio Company

部品番号 LMBT3906LT1
部品情報  General Purpose Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT3906LT1 データシート(HTML) 3 Page - Leshan Radio Company

  LMBT3906LT1 Datasheet HTML 1Page - Leshan Radio Company LMBT3906LT1 Datasheet HTML 2Page - Leshan Radio Company LMBT3906LT1 Datasheet HTML 3Page - Leshan Radio Company LMBT3906LT1 Datasheet HTML 4Page - Leshan Radio Company LMBT3906LT1 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
LMBT3906LT1-3/6
Figure 1. Delay and Rise Time
Equivalent Test Circuit
*Total shunt capacitance of test jig and connectors
10 k
3 V
275
C
S < 4.0 pF*
10 k
3 V
275
C
S < 4.0 pF*
1N916
+ 0.5 V
10 < t
1 < 500 µs
DUTY CYCLE = 2%
10.9 V
<1ns
<1 ns
– 10.6 V
t
1
+ 9.1 V
0
Figure 2. Storage and Fall Time
Equivalent Test Circuit
300ns
DUTY CYCLE = 2%
TYPICAL TRANSIENT CHARACTERISTICS
I
C , COLLECTOR CURRENT (mA)
Figure 4. Charge Data
REVERSE BIAS (VOLTS)
Figure 3. Capacitance
V
CC = 40 V
I
C / I B = 10
Q T
T
J = 25°C
T
J = 125°C
C
obo
C
ibo
Q
A
1.0
2.0 3.0
5.0 7.0 10
20
30
50 70 100
200
0.1
0.2 0.3
0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
20
30 40
10.0
7.0
5.0
3.0
2.0
1.0
5000
3000
2000
1000
700
500
300
200
100
70
50
I
C , COLLECTOR CURRENT (mA)
Figure 6. Fall Time
I
C , COLLECTOR CURRENT (mA)
Figure 5. Turn–On Time
V
CC = 40 V
I
B1 = I B2
t
r @V CC=3.0V
40 V
I
C /I B = 10
t
d@V OB=0V
2.0 V
15 V
1.0
2.0 3.0
5.0 7.0 10
20
30
50 70 100
200
500
300
200
100
70
50
30
20
10
7
5
1.0
2.0 3.0
5.0 7.0 10
20
30
50 70 100
200
500
300
200
100
70
50
30
20
10
7
5
I
C /I B = 10
I
C /I B = 20
0
LMBT3906LT1


同様の部品番号 - LMBT3906LT1

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
LMBT3906LT1G LRC-LMBT3906LT1G_15 Datasheet
362Kb / 7P
   General Purpose Transistors
More results

同様の説明 - LMBT3906LT1

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com