データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC0408FC3.3C データシート(PDF) 6 Page - Protek Devices

部品番号 LC0408FC3.3C
部品情報  LOW CAPACITANCE FLIP CHIP ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PROTEC [Protek Devices]
ホームページ  http://www.protekdevices.com
Logo PROTEC - Protek Devices

LC0408FC3.3C データシート(HTML) 6 Page - Protek Devices

  LC0408FC3.3C Datasheet HTML 1Page - Protek Devices LC0408FC3.3C Datasheet HTML 2Page - Protek Devices LC0408FC3.3C Datasheet HTML 3Page - Protek Devices LC0408FC3.3C Datasheet HTML 4Page - Protek Devices LC0408FC3.3C Datasheet HTML 5Page - Protek Devices LC0408FC3.3C Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
www.protekdevices.com
05153.R6 4/05
LC0408FC3.3C
thru
LC0408FC36C
PACKAGE OUTLINE & DIMENSIONS
A
F
G
H
I
0.51
0.15 SQ
0.71
0.99
0.51
0.020
0.006 SQ
0.028
0.039
0.020
DIM
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
NOTES:
1. Controlling dimensions in inches.
2. Decimal tolerances for mounting pad and
outline: .xxx ± 0.05mm (± 0.002”).
3.
Preferred: Using 0.1mm (0.004”) stencil.
MOUNTING PAD LAYOUT - Option 2
TAPE & REEL ORDERING NOMENCLATURE
1. Surface mount product is taped and
reeled in accordance with EIA 481.
2.
8mm Plastic Tape: 7 Inch Reels - 5,000
pieces per reel. Ordering Suffix: -T75-1
(i.e., LC0408FC05C-T75-1).
3.
8mm Paper Tape: 7 Inch Reels -5,000
pieces per reel. Ordering Suffix: -T75-2
(i.e., LC0408FC05C-T75-2).
4. Suffix - LF = Lead-Free,
i.e.,
LC0408FC05C-LF-T75-2.
Outline & Dimensions: Rev 4 - 2/04, 06021
TAPE & REEL ORIENTATION
NOTE:
1. Top view of tape. Solder bumps are face
down in tape package.
Quad Die - 0408
COPPER CONTACT 0.009” [0.23] DIA.
SOLDER PRINT 0.014” [0.36] DIA.
A
I
SOLDER
MASK
DIE
SOLDER
BUMP
COPYRIGHT © ProTek Devices 2005
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical
characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that
the final judgement concerning selection and specifications is the buyer’s and that in furnishing
engineering and technical assistance, ProTek assumes no responsibility with respect to the
selection or specifications of such products.
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com


同様の部品番号 - LC0408FC3.3C

メーカー部品番号データシート部品情報
logo
Protek Devices
LC0408FC3.3C PROTEC-LC0408FC3.3C Datasheet
84Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0408FC3.3C PROTEC-LC0408FC3.3C Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
LC0408FC3.3C PROTEC-LC0408FC3.3C Datasheet
623Kb / 9P
   200w low capacitance fl ip chip tvs arr ay
LC0408FC3.3C PROTEC-LC0408FC3.3C_07 Datasheet
84Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0408FC3.3C PROTEC-LC0408FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
More results

同様の説明 - LC0408FC3.3C

メーカー部品番号データシート部品情報
logo
Protek Devices
LC0404FC PROTEC-LC0404FC Datasheet
116Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0406FC3.3C PROTEC-LC0406FC3.3C_07 Datasheet
81Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
ESD4-LFC PROTEC-ESD4-LFC_07 Datasheet
69Kb / 4P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0406FC PROTEC-LC0406FC Datasheet
120Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0408FC3.3C PROTEC-LC0408FC3.3C_07 Datasheet
84Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
ESD4-LFC PROTEC-ESD4-LFC Datasheet
96Kb / 4P
   LOW CAPACITANCE FLIP CHIP ARRAY
ULC0406FC33C PROTEC-ULC0406FC33C Datasheet
118Kb / 6P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULLC0402FC33C PROTEC-ULLC0402FC33C Datasheet
102Kb / 5P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULLC0408FC05C PROTEC-ULLC0408FC05C_07 Datasheet
76Kb / 6P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULC0402FC33C PROTEC-ULC0402FC33C Datasheet
102Kb / 5P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com