データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMBTA05LT1 データシート(PDF) 2 Page - Leshan Radio Company

部品番号 LMBTA05LT1
部品情報  Driver Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBTA05LT1 データシート(HTML) 2 Page - Leshan Radio Company

  LMBTA05LT1 Datasheet HTML 1Page - Leshan Radio Company LMBTA05LT1 Datasheet HTML 2Page - Leshan Radio Company LMBTA05LT1 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
LMBTA05/06–2/3
LMBTA05LT1 LMBTA06LT1
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
hFE
––
(I C = 10 mAdc, V CE = 1.0 Vdc)
100
(I C = 100 mAdc, V CE = 1.0 Vdc)
100
Collector–Emitter Saturation Voltage
VCE(sat)
Vdc
(I C = 100 mAdc, I B = 10 mAdc)
0.25
Base–Emitter On Voltage
V BE(sat)
Vdc
(I C = 100 mAdc, V CE= 1.0 Vdc)
1.2
SMALL–SIGNAL CHARACTERISTICS
Current –Gain – Bandwidth Product(4)
fT
100
MHz
(V CE = 2.0 V, I C = 10mA, f = 100 MHz)
4. f T is defined as the frequency at which |h f e | extrapolates to unity.
ORDERING INFORMATION
LMBTA05LT1
Package
Shipping
Device
LMBTA05LT1G
SOT-23
3000/Tape & Reel
3000/Tape & Reel
SOT-23
LMBTA06LT1
LMBTA06LT1G
SOT-23
SOT-23
3000/Tape & Reel
3000/Tape & Reel


同様の部品番号 - LMBTA05LT1

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
LMBTA05LT1G LRC-LMBTA05LT1G Datasheet
119Kb / 3P
   Driver Transistors RoHS requirements.
LMBTA05LT1G LRC-LMBTA05LT1G Datasheet
119Kb / 3P
   Driver Transistors
logo
Shanghai Leiditech Elec...
LMBTA05LT1G LEIDITECH-LMBTA05LT1G Datasheet
324Kb / 3P
   S- Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements
logo
Leshan Radio Company
LMBTA05LT1G LRC-LMBTA05LT1G_11 Datasheet
119Kb / 3P
   Driver Transistors RoHS requirements.
LMBTA05LT1G LRC-LMBTA05LT1G_15 Datasheet
119Kb / 3P
   Driver Transistors
More results

同様の説明 - LMBTA05LT1

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MMBTA05LT1 MOTOROLA-MMBTA05LT1 Datasheet
82Kb / 4P
   Driver Transistors
logo
Guangdong Kexin Industr...
MMBTA55 KEXIN-MMBTA55 Datasheet
43Kb / 2P
   Driver Transistors
logo
ON Semiconductor
MMBTA05L ONSEMI-MMBTA05L Datasheet
104Kb / 6P
   Driver Transistors
October, 2016 ??Rev. 10
MMBTA06LT3G ONSEMI-MMBTA06LT3G Datasheet
114Kb / 6P
   Driver Transistors
July, 2012 ??Rev. 8
logo
First Silicon Co., Ltd
MMBTA55 FS-MMBTA55 Datasheet
245Kb / 3P
   Driver Transistors
logo
ON Semiconductor
MMBTA55L ONSEMI-MMBTA55L Datasheet
154Kb / 5P
   Driver Transistors
October, 2016 ??Rev. 8
logo
WILLAS ELECTRONIC CORP
MMBTA5XLT1 WILLAS-MMBTA5XLT1 Datasheet
435Kb / 3P
   Driver Transistors
MMBTA0XLT1 WILLAS-MMBTA0XLT1 Datasheet
325Kb / 3P
   Driver Transistors
logo
Guangdong Kexin Industr...
MMBTA05 KEXIN-MMBTA05 Datasheet
45Kb / 2P
   Driver Transistors
logo
Leshan Radio Company
LMBTA05LT1G LRC-LMBTA05LT1G_15 Datasheet
119Kb / 3P
   Driver Transistors
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com