データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VM821Q1 データシート(PDF) 1 Page - Honeywell Solid State Electronics Center

部品番号 VM821Q1
部品情報  AMR 4-Pin Quadrature Sensor Integrated Circuit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HONEYWELL [Honeywell Solid State Electronics Center]
ホームページ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

VM821Q1 データシート(HTML) 1 Page - Honeywell Solid State Electronics Center

  VM821Q1 Datasheet HTML 1Page - Honeywell Solid State Electronics Center VM821Q1 Datasheet HTML 2Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
• Integrated quadrature sensor IC
• Pole size independent operation
• 4-pin quadrature, open collector outputs
• -40°C to 150°C operating temperature range
• Zero speed operation
• No calibration required
• Insensitive to mechanical vibration
• Protection against reverse polarity and short circuit
POTENTIAL APPLICATIONS
• Industrial speed and direction and position feedback
• Encoders
• Conveyer rollers speed, process line speed and direction
• Gearbox output speed
• Positioning roller speed and direction
• Garage door opening systems
• Induction motors
• Fan speed systems
• Electric actuated blind position
• Pumps and compressors
• Integrated seals and bearings
PORTFOLIO
The Honeywell VM821Q1 AMR 4-Pin Quadrature Sensor IC
joins the following related products:
• VM421D1 AMR 3-Pin PWM Speed and Direction Sensor IC
• VM721D1 AMR 2-Pin PWM Speed and Direction Sensor IC
• VM721V1 AMR 2-Pin Speed Sensor IC
Sensing and Internet of Things
DESCRIPTION
Honeywell’s Anisotropic Magnetoresistive (AMR) 4-Pin
Quadrature Sensor Integrated Circuit (IC) is designed to
detect the speed and direction and position of a ring magnet
encoder target using a unique* bridge design. The frequency
of the output is proportional to the rotational speed of the
target, and the rotational direction is encoded by the phase
between the outputs. The sensor IC works over a wide range
of speeds, temperatures and air gaps.
VALUE TO CUSTOMERS
The VM821Q1 sensor IC has a higher sensitivity AMR bridge
array that operates with a larger airgap than Hall-effect
sensor ICs, which allows for enhanced design flexibility and
assembly tolerances. The sensor IC has been optimized to
provide an output that is not affected by target runout or
sudden air gap changes. It is insensitive to magnet pole size,
allowing one sensor to be paired with different ring magnet
applications.
DIFFERENTIATION
Honeywell’s unique solution utilizes the AMR bridge in
saturation, which provides a more stable output response
when the system has vibration, sudden air gap changes,
or target runout without requiring complex magnitude
compensation algorithms. The AMR signal has greater
sensitivity than Hall-effect sensor ICs, and does not require
automatic gain control or chopper stabilization that can lead
to increased jitter over the operating range.
*Patent Pending
Datasheet
AMR 4-Pin Quadrature Sensor Integrated Circuit
VM821Q1
32336294
Issue D


同様の部品番号 - VM821Q1

メーカー部品番号データシート部品情報
logo
Future Technology Devic...
VM800C FTDI-VM800C Datasheet
1Mb / 22P
   Embedded Video Engine Credit Card Board
VM800C35A-D FTDI-VM800C35A-D Datasheet
1Mb / 22P
   Embedded Video Engine Credit Card Board
VM800C35A-N FTDI-VM800C35A-N Datasheet
1Mb / 22P
   Embedded Video Engine Credit Card Board
VM800C43A-D FTDI-VM800C43A-D Datasheet
1Mb / 22P
   Embedded Video Engine Credit Card Board
VM800C43A-N FTDI-VM800C43A-N Datasheet
1Mb / 22P
   Embedded Video Engine Credit Card Board
More results

同様の説明 - VM821Q1

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MRFIC0001 MOTOROLA-MRFIC0001 Datasheet
105Kb / 6P
   QUADRATURE MODULATOR INTEGRATED CIRCUIT
logo
Analog Devices
ADA4571-2 AD-ADA4571-2 Datasheet
258Kb / 13P
   Integrated AMR Angle Sensor and Signal Conditioner
ADA4571 AD-ADA4571 Datasheet
576Kb / 21P
   Integrated AMR Angle Sensor and Signal Conditioner
logo
American Electronic Com...
AMR3001 AEC-AMR3001 Datasheet
439Kb / 4P
   AMR Angle Sensor
logo
TE Connectivity Ltd
MS32 TEC-MS32 Datasheet
287Kb / 6P
   AMR Switching-Sensor
logo
IC-Haus GmbH
IC-SM5L ICHAUS-IC-SM5L_14 Datasheet
330Kb / 7P
   LINEAR AMR SENSOR
IC-SM2L ICHAUS-IC-SM2L_14 Datasheet
439Kb / 8P
   LINEAR AMR SENSOR
logo
MultiDimension Technolo...
AMR3013P MULTIDIMENSION-AMR3013P Datasheet
643Kb / 4P
   AMR3013P AMR Angle Sensor
Ver. 1.2
logo
Analog Devices
ADAF1080 AD-ADAF1080 Datasheet
1Mb / 36P
   Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
Rev. 0
logo
TE Connectivity Ltd
KMT36H TEC-KMT36H Datasheet
221Kb / 7P
   AMR Sensor with 360째 capability
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com