データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ILC6377 データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 ILC6377
部品情報  0.5A, 300kHz, SO-8 PWM/PFM Step Down Converter with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC6377 データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button ILC6377 Datasheet HTML 2Page - Fairchild Semiconductor ILC6377 Datasheet HTML 3Page - Fairchild Semiconductor ILC6377 Datasheet HTML 4Page - Fairchild Semiconductor ILC6377 Datasheet HTML 5Page - Fairchild Semiconductor ILC6377 Datasheet HTML 6Page - Fairchild Semiconductor ILC6377 Datasheet HTML 7Page - Fairchild Semiconductor ILC6377 Datasheet HTML 8Page - Fairchild Semiconductor ILC6377 Datasheet HTML 9Page - Fairchild Semiconductor ILC6377 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
External component selection
Proper selection of external components is important for
achieving high performance. The output inductor selected
should have low DC resistance on the order of 0.2
Ω or less
and saturation current rating of 1A or higher. Recommended
inductors are Sumida CD54 (22µH, 0.18
Ω max DC resis-
tance) or Coilcraft DO3308P-223 (22µH, 0.18
Ω max DC
resistance) or equivalent.
The catch diode should be a schottky diode with low forward
drop and rated at 1A or greater current, SS12 or it’s equiva-
lent is recommended.
Input and output capacitors should be tantalum capacitors
with low equivalent series resistance (ESR) and voltage rat-
ing higher than the actual application.
Soft-start
Pin 4 of ILC6376/77 functions as the soft-start pin as well as
the shutdown pin. A soft-start capacitor (from pin 4 to
ground) controls the rate at which the power supply starts up;
thus preventing large overshoots at the output as well as
large in-rush current. The value for CSS should be 100pF or
greater.
Shutdown
The ILC6376/77 is placed in shutdown mode by taking pin 4
to ground. In shutdown, the quiescent current of the device is
under 2µA. When using the shutdown feature, pin 4 must be
driven from an open collector or open drain output without
employing an external pull-up resistor, as shown in figure 2.
Over-current and short-circuit protection
In the event of an over-current or short-circuit condition, the
ILC6376/77 cycles the soft-start pin in a hiccup mode to pro-
vide fault protection. When the output voltage decreases due
to overload, the ILC6376/77 will operate continuously at the
maximum duty cycle. If the period of maximum duty cycle
operation exceeds TPRO (typically 5 msec), pin 4 will be
pulled low; thus discharging the external soft-start capacitor
CSS. This action inhibits the regulator’s PWM action. Next,
the ILC6376/77’s soft-start circuitry starts recharging CSS
and initiates a controlled start-up. If the overload condition
continues to exist, the above sequence of events will repeat;
thus continuing to cycle the soft-start function.
Note that very little power is dissipated with this method of
fault protection versus constant current limit protection.
Even though the internal power MOSFET is pulsed on and
off at high peak current, the DC current is low; thus leading
to low power dissipation even under short-circuit conditions.
Keep in mind that the duration of maximum duty cycle
condition is used to trigger the ILC6376/77’s fault protec-
tion circuit. As such, a small input-output (VIN - VOUT)
differential voltage may trigger the device’s fault protec-
tion circuitry even at low output current.
Undervoltage Lockout
The undervoltage lockout feature prevents faulty operation
by disabling the operation of the regulator when input volt-
age is below the minimum operating voltage, VUVLO.
When the input voltage is lower than VUVLO the device
disables the internal P-channel MOSFET and provides
“high” output at both EXT1 and EXT2 outputs.
+
VOUT
ILC6376/77
(TOP VIEW)
3
4
5
1
2
6
7
8
+
CL
VIN
S/D
CSS
SD1
L
*CIN
Fig 1. Typical step-down DC-DC
converter application
SD1: SS12 Schottky Diode (FAIRCHILD)
CL: 10V/47µF Tantalum Capacitor (NICHICON, F93)
CSS: 4700pF Ceramic Capacitor
CIN: 16V / 10µF Tantalum Capacitor (NICHICON, F93)
22
µH
47
µF
10
µF
Figure 1 shows a typical fixed output voltage step-down DC-DC
converter application circuit for ILC6376/77SOXX.
ILC6376/77
6
©2001 Fairchild Semiconductor Corporation


同様の部品番号 - ILC6377

メーカー部品番号データシート部品情報
logo
Impala Linear Corporati...
ILC6377 IMPALA-ILC6377 Datasheet
684Kb / 11P
   0.5A, 300KHZ, SO-8 PWM/PFM STEP DOWN CONVERTER WITH SHUTDOWN
ILC6377SO-33 IMPALA-ILC6377SO-33 Datasheet
684Kb / 11P
   0.5A, 300KHZ, SO-8 PWM/PFM STEP DOWN CONVERTER WITH SHUTDOWN
ILC6377SO-50 IMPALA-ILC6377SO-50 Datasheet
684Kb / 11P
   0.5A, 300KHZ, SO-8 PWM/PFM STEP DOWN CONVERTER WITH SHUTDOWN
ILC6377SO-ADJ IMPALA-ILC6377SO-ADJ Datasheet
684Kb / 11P
   0.5A, 300KHZ, SO-8 PWM/PFM STEP DOWN CONVERTER WITH SHUTDOWN
More results

同様の説明 - ILC6377

メーカー部品番号データシート部品情報
logo
Impala Linear Corporati...
ILC6377 IMPALA-ILC6377 Datasheet
684Kb / 11P
   0.5A, 300KHZ, SO-8 PWM/PFM STEP DOWN CONVERTER WITH SHUTDOWN
logo
Exar Corporation
XRP6658 EXAR-XRP6658 Datasheet
541Kb / 11P
   1A 1.5MHz PFM/PWM Synchronous Step-Down Converter
logo
Diodes Incorporated
AP1635 DIODES-AP1635 Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
AP1604A DIODES-AP1604A Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
logo
ON Semiconductor
NCP1530 ONSEMI-NCP1530_05 Datasheet
135Kb / 16P
   600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
January, 2005 ??Rev. 4
NCP1530 ONSEMI-NCP1530 Datasheet
133Kb / 16P
   600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
November, 2004 ??Rev. 3
logo
Anpec Electronics Corop...
APW7199 ANPEC-APW7199 Datasheet
463Kb / 24P
   High-Performance Step-Down PWM Controller with PFM
logo
Leshan Radio Company
LR8303 LRC-LR8303 Datasheet
398Kb / 11P
   300KHz PFM Control Step-Up DC/DC Converter
logo
Anachip Corp
AP1604 ANACHIP-AP1604 Datasheet
202Kb / 7P
   PWM/PFM Dual Mode Step-down DC/DC Converter
logo
Analog Intergrations Co...
AIC1401 AIC-AIC1401 Datasheet
91Kb / 5P
   PWM Step-Down Switching Controller with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com