データシートサーチシステム |
|
LM124J データシート(PDF) 1 Page - National Semiconductor (TI) |
|
|
LM124J データシート(HTML) 1 Page - National Semiconductor (TI) |
1 / 27 page LM124A/LM124QML Low Power Quad Operational Amplifiers General Description The LM124/124A consists of four independent, high gain, internally frequency compensated operational amplifiers which were designed specifically to operate from a single power supply over a wide range of voltages. Operation from split power supplies is also possible and the low power supply current drain is independent of the magnitude of the power supply voltage. Application areas include transducer amplifiers, DC gain blocks and all the conventional op amp circuits which now can be more easily implemented in single power supply systems. For example, the LM124/124A can be directly op- erated off of the standard +5Vdc power supply voltage which is used in digital systems and will easily provide the required interface electronics without requiring the additional +15Vdc power supplies. Unique Characteristics n In the linear mode the input common-mode voltage range includes ground and the output voltage can also swing to ground, even though operated from only a single power supply voltage n The unity gain cross frequency is temperature compensated n The input bias current is also temperature compensated Advantages n Eliminates need for dual supplies n Four internally compensated op amps in a single package n Allows directly sensing near GND and V OUT also goes to GND n Compatible with all forms of logic n Power drain suitable for battery operation Features n Internally frequency compensated for unity gain n Large DC voltage gain 100 dB n Wide bandwidth (unity gain) 1 MHz (temperature compensated) n Wide power supply range: Single supply 3V to 32V or dual supplies ±1.5V to ±16V n Very low supply current drain (700 µA) — essentially independent of supply voltage n Low input biasing current 45 nA (temperature compensated) n Low input offset voltage 2 mV and offset current: 5 nA n Input common-mode voltage range includes ground n Differential input voltage range equal to the power supply voltage n Large output voltage swing 0V to V + − 1.5V Ordering Information NS PART NUMBER SMD PART NUMBER NS PACKAGE NUMBER PACKAGE DISCRIPTION LM124J/883 7704301CA J14A 14LD CERDIP LM124AE/883 77043022A E20A 20LD LEADLESS CHIP CARRIER LM124AJ/883 7704302CA J14A 14LD CERDIP LM124AW/883 W14B 14LD CERPACK LM124AWG/883 7704302XA WG14A 14LD CERAMIC SOIC LM124AJLQMLV 5962L9950401VCA, 50k rd(Si) J14A 14LD CERDIP LM124AJRQMLV 5962R9950401VCA, 100k rd(Si) J14A 14LD CERDIP LM124AWGLQMLV 5962L9950401VZA, 50k rd(Si) WG14A 14LD CERAMIC SOIC LM124AWGRQMLV 5962R9950401VZA, 100k rd(Si) WG14A 14LD CERAMIC SOIC LM124AWLQMLV 5962L9950401VDA, 50k rd(Si) W14B 14LD CERPACK LM124AWRQMLV 5962R9950401VDA, 100k rd(Si) W14B 14LD CERPACK January 2005 © 2005 National Semiconductor Corporation DS201080 www.national.com |
同様の部品番号 - LM124J |
|
同様の説明 - LM124J |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |