データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM124J データシート(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
部品番号 LM124J
部品情報  Low Power Quad Operational Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM124J データシート(HTML) 11 Page - National Semiconductor (TI)

Back Button LM124J Datasheet HTML 7Page - National Semiconductor (TI) LM124J Datasheet HTML 8Page - National Semiconductor (TI) LM124J Datasheet HTML 9Page - National Semiconductor (TI) LM124J Datasheet HTML 10Page - National Semiconductor (TI) LM124J Datasheet HTML 11Page - National Semiconductor (TI) LM124J Datasheet HTML 12Page - National Semiconductor (TI) LM124J Datasheet HTML 13Page - National Semiconductor (TI) LM124J Datasheet HTML 14Page - National Semiconductor (TI) LM124J Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
LM124A RAD HARD — DC Drift Values (Note 10)
(The following conditions apply to all the following parameters, unless otherwise specified.) DC: "Delta calculationsperformed
on QMLV devices at group B, subgroup 5 only"
SYMBOL
PARAMETER
CONDITIONS
NOTES
MIN
MAX
UNIT
SUB-
GROUPS
Vio
Input Offset Voltage
Vcc+ = 30V, Vcc- = Gnd,
Vcm = -15V
-0.5
0.5
mV
1
±Iib
Input Bias Current
Vcc+ = 30V, Vcc- = Gnd,
Vcm = -15V
-10
10
nA
1
Electrical Characteristics — POST RADIATION LIMITS +25˚C (Note 10)
(The following conditions apply to all the following parameters, unless otherwise specified.) All voltages referenced to device
ground.
SYMBOL
PARAMETER
CONDITIONS
NOTES
MIN
MAX
UNIT
SUB-
GROUPS
Vio
Input Offset Voltage
Vcc+ = 30V, Vcc- = Gnd,
Vcm = -15V
(Note 10)
-2.5
2.5
mV
1
Vcc+ = 2V, Vcc- = -28V,
Vcm = 13V
(Note 10)
-2.5
2.5
mV
1
Vcc+ = 5V, Vcc- = GND,
Vcm = -1.4V
(Note 10)
-2.5
2.5
mV
1
Vcc+ = 2.5V, Vcc- = -2.5,
Vcm = 1.1V
(Note 10)
-2.5
2.5
mV
1
Iio
Input Offset Current
Vcc+ = 30V, Vcc- = GND,
Vcm = -15V
(Note 10)
-15
15
nA
1
Vcc+ = 2V, Vcc- = -28V,
Vcm = 13V
(Note 10)
-15
15
nA
1
Vcc+ = 5V, Vcc- = GND,
Vcm = -1.4V
(Note 10)
-15
15
nA
1
Vcc+ = 2.5V, Vcc- = -2.5V,
Vcm = 1.1V
(Note 10)
-15
15
nA
1
±Iib
Input Bias Current
Vcc+ = 30V, Vcc- = GND,
Vcm = -15V
(Note 10)
-75
+0.1
nA
1
Vcc+ = 2V, Vcc- = -28V,
Vcm = 13V
(Note 10)
-75
+0.1
nA
1
Vcc+ = 5V, Vcc- = GND,
Vcm = -1.4V
(Note 10)
-75
+0.1
nA
1
Vcc+ = 2.5V, Vcc- = -2.5V,
Vcm = 1.1V
(Note 10)
-75
+0.1
nA
1
Avs+
Voltage Gain
Vcc+ = 30V, Vcc- = GND,
1V
≤ Vo ≤ 26V, Rl = 10K Ohms
(Note 10)
40
V/mV
4
Vcc+ = 30V, Vcc- = GND,
5V
≤ Vo ≤ 20V, Rl = 2K Ohms
(Note 10)
40
V/mV
4
Note 6: Guaranteed by Vio tests.
Note 7: Datalog reading in K=V/mV
Note 8: Guaranteed, not tested
Note 9: Calculated parameters
Note 10: Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post Radiation Limits Table.
These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters
are guaranteed only for the conditions as specified in MIL-STD-883, Method 1019
www.national.com
11


同様の部品番号 - LM124J

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM124J TI-LM124J Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM124J TI-LM124J Datasheet
2Mb / 53P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED OCTOBER 2022
LM124J TI-LM124J Datasheet
598Kb / 24P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM124J TI-LM124J Datasheet
3Mb / 55P
[Old version datasheet]   Quadruple Operational Amplifiers
REVISED APRIL 2023
LM124J TI-LM124J Datasheet
759Kb / 29P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
More results

同様の説明 - LM124J

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
   Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
   Low Power Quad Operational Amplifiers
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
   Low Power Quad Operational Amplifiers
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
   Low power quad operational amplifiers
ver.09
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
[Old version datasheet]   Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
   Low-power quad operational amplifiers
2022
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_06 Datasheet
285Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com