データシートサーチシステム |
|
LM124AW データシート(PDF) 7 Page - National Semiconductor (TI) |
|
|
LM124AW データシート(HTML) 7 Page - National Semiconductor (TI) |
7 / 27 page LM124 883 DC Electrical Characteristics (The following conditions apply to all the following parameters, unless otherwise specified.) All voltages referenced to device ground. SYMBOL PARAMETER CONDITIONS NOTES MIN MAX UNIT SUB- GROUPS Icc Power Supply Current V+ = 5V 1.2 mA 1, 2, 3 V+ = 30V 3.0 mA 1 4.0 mA 2, 3 Isink Output Sink Current V+ = 15V, Vout = 200mV, +Vin = 0mV, -Vin = +65mV 12 uA 1 V+ = 15V, Vout = 2V, +Vin = 0mV, -Vin = +65mV 10 mA 1 5mA 2, 3 Isource Output Source Current V+ = 15V, Vout = 2V, +Vin = 0mV, -Vin = -65mV -20 mA 1 -10 mA 2, 3 Ios Short Circuit Current V+ = 5V, Vout = 0V -60 mA 1 Vio Input Offset Voltage V+ = 30V, Vcm = 0V -5 5 mV 1 -7 7 mV 2, 3 V+ = 30V, Vcm = 28V -5 5 mV 1 -7 7 mV 2, 3 V+ = 5V, Vcm = 0V -5 5 mV 1 -7 7 mV 2, 3 V+ = 30V, Vcm = 28.5V -5 5 mV 1 CMRR Common Mode Rejection Ratio V+ = 30V, Vin = 0V to 28.5V 70 dB 1 +Iib Input Bias Current V+ = 5V, Vcm = 0V -150 10 nA 1 -300 10 nA 2, 3 Iio Input Offset Current V+ = 5V, Vcm = 0V -30 30 nA 1 -100 100 nA 2, 3 PSRR Power Supply Rejection Ratio V+ = 5V to 30V, Vcm = 0V 65 dB 1 Vcm Common Mode Voltage Range V+ = 30V (Note 6) 28.5 V 1 (Note 6) 28 V 2, 3 Avs Large Signal Gain V+ = 15V, Rl = 2K Ohms, Vo=1Vto11V 50 V/mV 4 25 V/mV 5, 6 Voh Output Voltage High V+ = 30V, Rl = 2K Ohms 26 V 4, 5, 6 V+ = 30V, Rl = 10K Ohms 27 V 4, 5, 6 Vol Output Voltage Low V+ = 30V, Rl = 10K Ohms 40 mV 4, 5, 6 V+ = 30V, Isink = 1uA 40 mV 4 100 mV 5, 6 V+ = 5V, Rl = 10K Ohms 20 mV 4, 5, 6 Channel Separation (Amp to Amp Coupling) 1KHz, 20KHz (Note 8) 80 dB 4 www.national.com 7 |
同様の部品番号 - LM124AW |
|
同様の説明 - LM124AW |